Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6604/5 Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX6604/5
Description  Dual Channel LDO Regulators with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6604/5 Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX6604/5 Datasheet HTML 1Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 2Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 3Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 4Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 5Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 6Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 7Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 8Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2011
AX6604/5
Note 1: VIN (min) =VOUT+VDROP
Note 2: Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 3: Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 4: Guaranteed by design.
APPLICATION CIRCUIT
C
IN
1uF
VOUT2
VOUT1
GND
OUT2
C
VOUT2
OUT1
C
AX6604/5
1uF
1uF
OUT1
V
EN1
EN2
VIN
V
IN
FUNCTION DESCRIPTIONS
The AX6604/5 is a highly accurate, dual, low noise, CMOS LDO voltage regulators
with enable function. The output voltage for each regulator is set independently by fuse
trimming. As illustrated in function block diagram, it consists of a reference, error amplifier, a
P-channel pass transistor, an ON/OFF control logic and an internal feedback voltage divider.
The band gap reference is connected to the error amplifier, which compares the reference
with the feedback voltage and amplifies the voltage difference. If the feedback voltage is
lower than the reference voltage, the pass- transistor gate is pulled lower, which allows more
current to pass to the VOUT pin and increases the output voltage. If the feedback voltage is
too high, the pass transistor gate is pulled up to decrease the output voltage. The output
voltage is feed back through an internal resistive divider connected to VOUT pin. Additional
blocks include an output current limiter, thermal sensor, and shutdown logic.
Enable Function
EN1 and EN2 pin start and stop the corresponding outputs independently. When the
EN pin is switched to the power off level, the operation of all internal circuit stops, the
build-in P-channel MOSFET output transistor between pins VIN and VOUT is switched off,
allowing current consumption to be drastically reduced.
Dropout Voltage
A regulator’s minimum input-output voltage differential, or dropout voltage, determines
the lowest usable supply voltage. The AX6604/5 use a P- channel MOSFET pass transistor,
its dropout voltage is function of drain-to-source on-resistance RDS (ON) multiplied by the load
current.
VDROPOUT = VIN - VOUT = RDS(ON) * IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com