Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6604/5 Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX6604/5
Description  Dual Channel LDO Regulators with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6604/5 Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX6604/5 Datasheet HTML 2Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 3Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 4Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 5Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 6Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 7Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 8Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 9Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2011
AX6604/5
Current Limit
Each channel of AX6604/5 includes a fold back current limiter. It monitors and controls
the pass transistor’s gate voltage, estimates the output current, and limits the output current
within 250mA.
Thermal Shutdown Protection
Thermal Shutdown protection limits total power dissipation of AX6604/5. When the
junction temperature exceeds TJ = +150°C, a thermal sensor turns off the pass transistor,
allowing the IC to cool down. The thermal sensor turns the pass transistor on again after the
junction temperature cools down by 40°C, resulting in a pulsed output during continuous
thermal shutdown conditions.
Thermal shutdown protection is designed to protect the AX6604/5 in the event of fault
conditions. For continuous operation, the absolute maximum operating junction temperature
rating of TJ = +125°C should not be exceeded.
APPLICATION INFORMARION
Like any low-dropout regulator, the AX6604/5 requires input and output decoupling
capacitors. The device is specifically designed for portable applications requiring minimum
board space and smallest components. These capacitors must be correctly selected for
good performance (see Capacitor Characteristics Section). Please note that linear regulators
with a low dropout voltage have high internal loop gains which require care in guarding
against oscillation caused by insufficient decoupling capacitance.
Input Capacitor
An input capacitance of 1μF is required between input pin and ground directly (the amount
of the capacitance may be increased without limit). The input capacitor must be located less
than 1cm from the device to assure input stability. A lower ESR capacitor allows the use of less
capacitance, while higher ESR type (like aluminum electrolytic) requires more capacitance.
Capacitor types (aluminum, ceramic and tantalum) can be mixed in parallel, but the total
equivalent input capacitance/ ESR must be defined as above to stable operation. There are no
requirements for the ESR on the input capacitor, but tolerance and temperature coefficient must
be considered when selecting the capacitor to ensure the capacitance will be 1μF over the entire
operating temperature range.
Output Capacitor
The AX6604/5 is designed specifically to work with very small ceramic output
capacitors. A ceramic capacitor (temperature characteristics X7R, X5R) in 1μF is suitable for
the AX6604/5 application. The recommended minimum capacitance for the device is 1μF,
X5R or X7R dielectric ceramic, between VOUT and GND for stability, but it may be
increased without limit. Higher capacitance values help to improve transient. The output
capacitor's ESR is critical because it forms a zero to provide phase lead which is required for
loop stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com