Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6604/5 Datasheet(PDF) 7 Page - AXElite technology co. ltd

Part # AX6604/5
Description  Dual Channel LDO Regulators with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6604/5 Datasheet(HTML) 7 Page - AXElite technology co. ltd

Back Button AX6604/5 Datasheet HTML 3Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 4Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 5Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 6Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 7Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 8Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 9Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 10Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 11Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2011
AX6604/5
Thermal Considerations
The AX6604/5 series can deliver a current of up to 200mA/channel over the full
operating junction temperature range. However, the maximum output current must be
debated at higher ambient temperature to ensure the junction temperature does not exceed
125°C. With all possible conditions, the junction temperature must be within the range
specified under operating conditions. Power dissipation can be calculated based on the
output current and the voltage drop across regulator.
PD = (VIN - VOUT) IOUT + VIN IGND
The final operating junction temperature for any set of conditions can be estimated by
the following thermal equation:
PD (MAX) = (TJ (MAX) - TA) / θJA
Where TJ (MAX) is the maximum junction temperature of the die (125°C) and TA is the
maximum ambient temperature. The junction to ambient thermal resistance (θJA) SOT-23-6L
package at recommended minimum footprint is 250°C/W. Visit our website in which
“Recommended Footprints for Soldering Surface Mount Package” for detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com