Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6604/5 Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX6604/5
Description  Dual Channel LDO Regulators with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6604/5 Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX6604/5 Datasheet HTML 1Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 2Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 3Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 4Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 5Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 6Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 7Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 8Page - AXElite technology co. ltd AX6604/5 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.0 Nov.16, 2011
AX6604/5
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VIN Pin Voltage
VIN
GND - 0.3 to + 6.5
V
Output Current
IOUT1+IOUT2
700
mA
Output Voltage
VOUT1 /VOUT2
GND - 0.3 to VIN + 0.3
V
Enable Voltage
EN1/EN2
GND - 0.3 to VIN + 0.3
V
Power Dissipation
PD
250
mW
Storage Temperature Range
TST
-40 to +150
°C
Operating Temperature Range
TOP
-40 to +85
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance from Junction to case
θJC
180
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note: θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer). That need connect to GND pin.
ELECTRICAL CHARACTERISTICS TA=25°C (unless otherwise noted)
Characteristics
Symbol
Conditions
Min Typ Max Units
Input Voltage
VIN
(Note1)
2.5
-
6
V
Output Voltage Accuracy
ΔVOUT
IOUT=1mA,VIN=5V,
VOUT >2.0V
-2
-
+2
%
IOUT=1mA,VIN=5V,
VOUT ≦2.0V
-0.04 -
0.04
V
Quiescent Current
(Per channel)
ICC
IOUT1,2=0mA, VIN=5V
-
60
-
μA
Dropout Voltage
VDROP
IOUT=200mA,
Vo=Vo-2%
VOUT=1.50V
- 1000 1200
mV
VOUT=1.80V
-
700 900
VOUT>2.50V
-
300 400
Current Limit (Note 2)
ILIMIT
VIN=VOUT(T)+1.0V,
VEN=VIN
250
-
-
mA
Short Circuit Current
Ishort
VOUT<1.0V, each channel
-
150
-
mA
Line Regulation
ΔVLINE
IOUT =1mA,
VIN=VOUT+1V to 6.0V
-
0.2 0.3
%/V
Load Regulation (Note 3)
ΔVLOAD
IOUT=1~100mA,
VIN=VOUT+1V
-
0.01 0.03 %/mA
Ripple Rejection
PSRR
F=120Hz, ,IOUT =30mA
-
60
-
dB
Output Voltage Temperature
Coefficient
IOUT=30mA (Note 4)
- ±100 - PPM/°C
Enable Input Threshold
VENH
2.0
-
-
V
VENL
-
-
0.8
Shutdown Current
ISD
IOUT1,2=0mA,VIN=5V,
VEN1,2=0V
-
1
2
μA
Thermal Shutdown
Temperature
TST
-
150
-
°C
Thermal Shutdown Hysterisis
TSH
-
40
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com