Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6646/A Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX6646/A
Description  300mA LDO Regulator with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6646/A Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX6646/A Datasheet HTML 1Page - AXElite technology co. ltd AX6646/A Datasheet HTML 2Page - AXElite technology co. ltd AX6646/A Datasheet HTML 3Page - AXElite technology co. ltd AX6646/A Datasheet HTML 4Page - AXElite technology co. ltd AX6646/A Datasheet HTML 5Page - AXElite technology co. ltd AX6646/A Datasheet HTML 6Page - AXElite technology co. ltd AX6646/A Datasheet HTML 7Page - AXElite technology co. ltd AX6646/A Datasheet HTML 8Page - AXElite technology co. ltd AX6646/A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6.Nov.14, 2019
AX6646/A
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
VIN Pin Voltage
VIN
GND - 0.3 to + 6.5
V
Output Voltage
VOUT
GND - 0.3 to VIN + 0.3
V
EN Pin Voltage
VEN
GND - 0.3 to + 6.5
V
FB Pin Voltage
VFB
GND - 0.3 to + 6.5
V
Power Dissipation
PD
400
mW
Storage Temperature Range
TST
-40 to +150
°C
Operating Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance from Junction to case
θJC
180
°C/W
Thermal Resistance from Junction to ambient
θJA
250
°C/W
Note : θJA is measured with the PCB copper area of approximately 1 in2(Multi-layer).
ELECTRICAL CHARACTERISTICS (VIN=5V, TA=25°C unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Input Voltage
VIN
(Note1)
2.6
-
6
V
FB Voltage
VFB VIN=2.6V to 6V, IOUT=1mA 0.784 0.8
0.816
V
FB Input Leakage Current
IFB
VFB=1.0V
-100
-
100
nA
Adjustable Output Voltage
Range
VOUT
VFB
-
5.5
V
Quiescent Current
IQ
IOUT =0mA, VIN=5V
-
40
60
μA
Shutdown Current
ISD
VIN=3.6V, VEN=0V
-
-
1
μA
Dropout Voltage (Note 2)
VDROP IOUT=300mA, VOUT>2.7V
-
0.2
0.3
V
Current Limit (Note 3)
ILIMIT
400
600
-
mA
Short Circuit Current
Ishort VOUT < 0.25*VOUT
-
250
-
mA
Load Regulation (Note 4)
ΔVLOAD IOUT=10m~300mA
-
-
0.02 %/mA
Ripple Rejection
PSRR
CIN=1μF
COUT=1uF
IOUT =100mA
F=120Hz
-
65
-
dB
F=1KHz
-
60
-
Enable Input Threshold
VENH Regulator Enable
2.0
-
-
V
VENL Regulator Shutdown
-
-
0.4
Enable Pin Current
IENH VEN=VIN
-
0.003
0.1
μA
IENL VEN=0V, VIN=3.6V
-
0.35
1
Thermal Shutdown
TSD
-
150
-
ºC
Thermal Shutdown
Hysterics
TSH
-
30
-
ºC
Note 1: Minimum VIN voltage is defined by output adds a dropout voltage.
Note 2: The dropout voltage is defined as (VIN-VOUT), the performance of every AX6646/A part, see “Typical
Performance Characteristics”.
Note 3: Current limit is measured at constant junction temperature by using pulsed testing with a low ON time.
Note 4: Regulation is measured at constant junction temperature by using pulsed testing with a low ON time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com