Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6646/A Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX6646/A
Description  300mA LDO Regulator with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6646/A Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX6646/A Datasheet HTML 1Page - AXElite technology co. ltd AX6646/A Datasheet HTML 2Page - AXElite technology co. ltd AX6646/A Datasheet HTML 3Page - AXElite technology co. ltd AX6646/A Datasheet HTML 4Page - AXElite technology co. ltd AX6646/A Datasheet HTML 5Page - AXElite technology co. ltd AX6646/A Datasheet HTML 6Page - AXElite technology co. ltd AX6646/A Datasheet HTML 7Page - AXElite technology co. ltd AX6646/A Datasheet HTML 8Page - AXElite technology co. ltd AX6646/A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6.Nov.14, 2019
AX6646/A
300mA LDO Regulator with Enable
GENERAL DESCRIPTION
The AX6646/A is a 300mA, low quiescent, high PSRR, low noise and low dropout
linear regulator. The Device includes pass element, error amplifier, band-gap, current limit
and thermal shutdown circuitry. The characteristics of low dropout voltage and less
quiescent current make it good for some critical current application, for example, some
battery powered devices. The typical quiescent current is approximately 40µA. In the
shutdown mode, the maximum supply current is less than 1uA. The Output voltage is
adjustable from 0.8V to 5.5V. Built-in current-limit, Short current protection and
thermal-shutdown functions prevent any fault condition from IC damage.
FEATURES
-
Input voltage range is up to 6V
-
200mV Dropout at 150mA output current
-
Guaranteed 300mA output current
-
Low quiescent current 40µA (typ.)
-
Adjustable Output voltage form 0.8V to 5.5V
-
Maximum shutdown current <1uA
-
Fast transient response
-
Current limit and thermal shutdown protection
-
Short circuit current fold-back
-
Available in the 5-Pin Pb-Free SOT23 Package
-
RoHS and Halogen free compliance.
BLOCK DIAGRAM
Current
Limit
- +
VIN
VOUT
GND
Error
Amp
Bandgap
Thermal
Shutdown
Enable
EN
FB


Similar Part No. - AX6646/A

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6601 AXELITE-AX6601 Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15F AXELITE-AX6601-15F Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15FA AXELITE-AX6601-15FA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15R AXELITE-AX6601-15R Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15RA AXELITE-AX6601-15RA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
More results

Similar Description - AX6646/A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
300mA CMOS LDO Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com