Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6646/A Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX6646/A
Description  300mA LDO Regulator with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6646/A Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX6646/A Datasheet HTML 2Page - AXElite technology co. ltd AX6646/A Datasheet HTML 3Page - AXElite technology co. ltd AX6646/A Datasheet HTML 4Page - AXElite technology co. ltd AX6646/A Datasheet HTML 5Page - AXElite technology co. ltd AX6646/A Datasheet HTML 6Page - AXElite technology co. ltd AX6646/A Datasheet HTML 7Page - AXElite technology co. ltd AX6646/A Datasheet HTML 8Page - AXElite technology co. ltd AX6646/A Datasheet HTML 9Page - AXElite technology co. ltd AX6646/A Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6.Nov.14, 2019
AX6646/A
The final operating junction temperature for any set of conditions can be estimated by
the following thermal equation:
PD (MAX) = (TJ (MAX) - TA) / θJA
Where TJ (MAX) is the maximum junction temperature of the die (125°C) and TA is the
maximum ambient temperature. The junction to ambient thermal resistance (θJA) for
SOT-23-5L package at recommended minimum footprint is 250°C/W.
PCB Layout
An input capacitance of ≅ 1µF is required between the AX6646/A input pin and
ground (the amount of the capacitance may be increased without limit), this capacitor must
be located a distance of not more than 1cm from the input and return to a clean analog
ground. Input capacitor can filter out the input voltage spike caused by the surge current due
to the inductive effect of the package pin and the printed circuit board’s routing wire.
Otherwise, the actual voltage at the IN pin may exceed the absolute maximum rating. The
output capacitor also must be located a distance of not more than 1cm from output to a
clean analog ground. Because it can filter out the output spike caused by the surge current
due to the inductive effect of the package pin and the printed circuit board’s routing wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com