Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6646/A Datasheet(PDF) 5 Page - AXElite technology co. ltd

Part # AX6646/A
Description  300mA LDO Regulator with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6646/A Datasheet(HTML) 5 Page - AXElite technology co. ltd

  AX6646/A Datasheet HTML 1Page - AXElite technology co. ltd AX6646/A Datasheet HTML 2Page - AXElite technology co. ltd AX6646/A Datasheet HTML 3Page - AXElite technology co. ltd AX6646/A Datasheet HTML 4Page - AXElite technology co. ltd AX6646/A Datasheet HTML 5Page - AXElite technology co. ltd AX6646/A Datasheet HTML 6Page - AXElite technology co. ltd AX6646/A Datasheet HTML 7Page - AXElite technology co. ltd AX6646/A Datasheet HTML 8Page - AXElite technology co. ltd AX6646/A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6.Nov.14, 2019
AX6646/A
APPLICATION INFORMATION
Like any low-dropout regulator, the AX6646/A requires input and output decoupling
capacitors. The device is specifically designed for portable applications requiring minimum
board space and smallest components. These capacitors must be correctly selected for
good performance (see Capacitor Characteristics Section). Please note that linear regulators
with a low dropout voltage have high internal loop gains which require care in guarding
against oscillation caused by insufficient decoupling capacitance.
Capacitor Selection
Normally, use a 1µF capacitor on the input and a 1µF capacitor on the output of the
AX6646/A. Larger input capacitor values and lower ESR (X5R, X7R) provide better
supply-noise rejection and transient response. A higher- value output capacitor (4.7µF) may
be necessary if large, fast transients are anticipated and the device is located several inches
from the power source.
Input-Output (Dropout) Voltage
A regulator's minimum input-to-output voltage differential (dropout voltage) determines
the lowest usable supply voltage. In battery-powered systems, this determines the useful
end-of-life battery voltage. Because the device uses a PMOS, its dropout voltage is a
function of drain-to source on-resistance, RDS (ON), multiplied by the load current:
VDROPOUT = VIN -VOUT = RDS (ON) x IOUT
Current Limit and Short-Circuit Protection
The AX6646/A uses a current sense-resistor to monitor the output current. A portion of
the PMOS output transistor’s current is mirrored to a resistor such that the voltage across
this resistor is proportional to the output current. Once the output current exceeds limit
threshold, AX6646/A would be protected with a limited output current. Further more, when
the output is short to ground, the output current would be folded-back to a less limit.
Thermal Considerations
The AX6646/A series can deliver a current of up to 300mA over the full operating
junction temperature range. However, the maximum output current must be dated at higher
ambient temperature to ensure the junction temperature does not exceed 125°C. With all
possible conditions, the junction temperature must be within the range specified under
operating conditions. Power dissipation can be calculated based on the output current and
the voltage drop across regulator.
PD = (VIN - VOUT) IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com