Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6646/A Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX6646/A
Description  300mA LDO Regulator with Enable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6646/A Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX6646/A Datasheet HTML 1Page - AXElite technology co. ltd AX6646/A Datasheet HTML 2Page - AXElite technology co. ltd AX6646/A Datasheet HTML 3Page - AXElite technology co. ltd AX6646/A Datasheet HTML 4Page - AXElite technology co. ltd AX6646/A Datasheet HTML 5Page - AXElite technology co. ltd AX6646/A Datasheet HTML 6Page - AXElite technology co. ltd AX6646/A Datasheet HTML 7Page - AXElite technology co. ltd AX6646/A Datasheet HTML 8Page - AXElite technology co. ltd AX6646/A Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.6.Nov.14, 2019
AX6646/A
APPLICATION CIRCUIT
EN
ON
OFF
VIN
VOUT
GND
IN
C
VIN
OUT
C
AX6646/A
1uF
1uF
OUT
V
EN
FB
R1
R2
VOUT=VFB*(1+R1/R2)
VFB= 0.8V
R2 Range=50K~300K
FUNCTION DESCRIPTIONS
A minimum of 1µF capacitor must be connected from VOUT to ground to insure stability.
Typically a large storage capacitor is connected from VIN to ground to ensure that the input
voltage does not sag below the minimum dropout voltage during the load transient response.
This pin must always be dropout voltage higher than VOUT in order for the device to regulate
properly.
Enable Function
The AX6646/A features an LDO regulator enable/disable function. To assure the LDO
regulator will switch on; the EN turn on control level must be greater than 2.0 volts. The LDO
regulator will go into the shutdown mode when the voltage on the EN pin falls below 0.8
volts. For to protecting the system, the AX6646/A have a quick-discharge function. If the
enable function is not needed in a specific application, it may be tied to VIN to keep the LDO
regulator in a continuously on state.
FB Function
The output is an adjustable version, the FB voltage is 0.8V. The output voltage can be
set by outside resistances. The output voltage, VOUT, is then given by the following equation:
VOUT = 0.8 (1 + R1/R2)
For the reasons of reducing power dissipation and loop stability, R2 is recommending
to choose 50K~300KΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com