Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6808 Datasheet(PDF) 2 Page - Digital Core Design

Part # DF6808
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6808 Datasheet(HTML) 2 Page - Digital Core Design

  DF6808 Datasheet HTML 1Page - Digital Core Design DF6808 Datasheet HTML 2Page - Digital Core Design DF6808 Datasheet HTML 3Page - Digital Core Design DF6808 Datasheet HTML 4Page - Digital Core Design DF6808 Datasheet HTML 5Page - Digital Core Design DF6808 Datasheet HTML 6Page - Digital Core Design DF6808 Datasheet HTML 7Page - Digital Core Design DF6808 Datasheet HTML 8Page - Digital Core Design DF6808 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
●
●
●
●
●
♦
♦
♦
●
○
○
○
○
●
●
○
○
○
●
○
○
●
○
○
○
○
○
○
○
○
○
●
○
○
○
○
○
●
○
○
○
○
○
○
○
http://www.DigitalCoreDesign.com
http://www.dcd.pl
ONE GLOBAL SYSTEM CLOCK
No internal reset generator or gated clock
Scan test ready
Technology independent HDL source code
Core can be fully customized
800 MHz virtual clock frequency compared
to original implementation
DESIGN FEATURES
SYNCHRONOUS RESET
ALL ASYNCHRONOUS INPUT SIGNALS ARE
SYNCHRONIZED BEFORE INTERNAL USE
DATA MEMORY:
The DF6808 can address up to 64K
bytes of Data Memory. The lowest 64
Bytes is reserved for Special Function Reg-
isters area. Data Memory can be imple-
mented as synchronous or asynchronous
RAM
SYSTEM FUNCTION REGISTERS:
Up to 64 System Function Regis-
ters(SFRs) may be implemented in the
DF6808 design.
PROGRAM MEMORY:
Up to 64kB of Program Memory may be
implemented to the DF6808 design. Pro-
gram Memory can be implemented as syn-
chronous or asynchronous ROM.
ALL CORE IS DESIGNED AS SYNCHRONOUS
LOGIC WITHOUT ANY MICROCODE
.
PERIPHERALS
The peripherals listed below are implemented
in standard configuration of DF6808.
DoCDTM on Chip Debugger
Processor execution control
Read, write all processor contents
Hardware execution breakpoints
Three wire communication interface
Four 8-bit I/O Ports
Interrupt Controller
7 interrupt sources
7 priority levels
Dedicated Interrupt vector for each interrupt
source
Main16-bit timer/counter system
16 bit free running counter
Timer clocked by internal source
16-bit Compare/Capture Unit
Two independent input-capture functions
Two output-compare channels
Events capturing
Pulses generation
Digital signals generation
Gated timers
Sophisticated comparator
Pulse width modulation
Pulse width measuring
SPI – Master and Slave Serial Peripheral
Interface
Supports speeds up ¼ of system clock
Software selectable polarity and phase of se-
rial clock SCK
System errors detection
Allows operation from a wide range of system
clock frequencies (build-in 5-bit timer)
Interrupt generation
Full-duplex UART - SCI
Standard Nonreturn to Zero format (NRZ)
8 or 9 bit data transfer
Integrated baud rate generator
Noise, Overrun and Framing error detection
IDLE and BREAK characters generation
Wake-up block to recognize UART wake-up
from IDLE condition
Three SCI related interrupts



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com