Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6808 Datasheet(PDF) 6 Page - Digital Core Design

Part # DF6808
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6808 Datasheet(HTML) 6 Page - Digital Core Design

  DF6808 Datasheet HTML 1Page - Digital Core Design DF6808 Datasheet HTML 2Page - Digital Core Design DF6808 Datasheet HTML 3Page - Digital Core Design DF6808 Datasheet HTML 4Page - Digital Core Design DF6808 Datasheet HTML 5Page - Digital Core Design DF6808 Datasheet HTML 6Page - Digital Core Design DF6808 Datasheet HTML 7Page - Digital Core Design DF6808 Datasheet HTML 8Page - Digital Core Design DF6808 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
control bits permit software to control the
edge(s) that trigger each input-capture func-
tion and the automatic actions that result from
output-compare functions. Although hardwired
logic is included to automate many timer ac-
tivities, this timer architecture is essentially a
software-oriented system. This structure is
easily adaptable to a very wide range of appli-
cations although it is not as efficient as dedi-
cated hardware for some specific timing appli-
cations.
Watchdog Timer -
The Watchdog Timer con-
sist of a free running Timer CLK/213 , plus con-
trol logic. The Watchdog Timer can be en-
abled by software by writing ‘1’ to the WDOG
bit in MISC register($000C). Once enabled
the WDT Timer cannot be disabled by soft-
ware. In addition the WDOG bit acts as a re-
set mechanism for the WDT timer. Writing
logic one ‘1’ to the WDOG bit clears Watch-
dog counter and inhibits Watchdog timeout
SCI
- The SCI is a full-duplex UART type
asynchronous system, using standard non
return to zero (NRZ) format : 1 start bit, 8 or 9
data bits and a 1 stop bit. The DF6808 resyn-
chronizes the receiver bit clock on all one to
zero transitions in the bit stream. Therefore
differences in baud rate between the sending
device and the SCI are not as likely to cause
reception errors. Three logic samples are
taken near the middle of data bit time, and
majority logic decides the sense for the bit.
For the start and stop bits seven logic sam-
ples are taken. Even if noise causes one of
these samples to be incorrect, the bit will still
be received correctly. The receiver also has
the ability to enter a temporary standby mode
(called receiver wakeup) to ignore messages
intended for a different receiver. Logic auto-
matically wakes up the receiver in time to see
the first character of the next message. This
wakeup feature greatly reduces CPU over-
head in multi-drop SCI networks. The SCI
transmitter can produce queued characters of
idle (whole characters of all logic 1) and break
(whole characters of all logic 0). In addition to
the usual transmit data register empty (TDRE)
status flag, this SCI also provides a transmit
complete (TC) indication that can be used in
applications with a modem.
SPI Unit
– it’s a fully configurable mas-
ter/slave Serial Peripheral Interface, which
allows user to configure polarity and phase of
serial clock signal SCK. It allows the micro-
controller to communicate with serial periph-
eral devices. It is also capable of interproces-
sor communications in a multi-master system.
A serial clock line (SCK) synchronizes shifting
and sampling of the information on the two
independent serial data lines. SPI data are
simultaneously transmitted and received. SPI
system is flexible enough to interface directly
with numerous standard product peripherals
from several manufacturers. Data rates as
high as CLK/4. Clock control logic allows a
selection of clock polarity and a choice of two
fundamentally different clocking protocols to
accommodate most available synchronous
serial peripheral devices. When the SPI is
configured as a master, software selects one
of four different bit rates for the serial clock.
SPI automatically drives slave select outputs
SSO[7:0], and address SPI slave device to
exchange serially shifted data. Error-detection
logic is included to support interprocessor
communications. A write-collision detector
indicates when an attempt is made to write
data to the serial shift register while a transfer
is in progress. A multiple-master mode-fault
detector automatically disables SPI output
drivers if more than one SPI devices simulta-
neously attempts to become bus master.
DoCD
TM - Debug Unit – it’s a real-time hard-
ware debugger provides debugging capability
of a whole SoC system. In contrast to other
on-chip debuggers DoCD™ provides non-
intrusive debugging of running application. It
can halt, run, step into or skip an instruction,
read/write any contents of microcontroller in-
cluding all registers, internal, external, pro-
gram memories, all SFRs including user de-
fined peripherals. Hardware breakpoints can
be set and controlled on program memory,
internal and external data memories, as well
as on SFRs. Hardware breakpoint is executed
if any write/read occurred at particular address
with certain data pattern or without pattern.
The DoCDTM system includes three-wire inter-
face and complete set of tools to communi-
cate and work with core in real time debug-
ging. It is built as scalable unit and some fea-
tures can be turned off to save silicon and
reduce power consumption. A special care on
power consumption has been taken, and
when debugger is not used it is automatically
switched in power save mode. Finally whole
debugger is turned off when debug option is
no longer used.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com