Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6808 Datasheet(PDF) 4 Page - Digital Core Design

Part # DF6808
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6808 Datasheet(HTML) 4 Page - Digital Core Design

  DF6808 Datasheet HTML 1Page - Digital Core Design DF6808 Datasheet HTML 2Page - Digital Core Design DF6808 Datasheet HTML 3Page - Digital Core Design DF6808 Datasheet HTML 4Page - Digital Core Design DF6808 Datasheet HTML 5Page - Digital Core Design DF6808 Datasheet HTML 6Page - Digital Core Design DF6808 Datasheet HTML 7Page - Digital Core Design DF6808 Datasheet HTML 8Page - Digital Core Design DF6808 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
PINS DESCRIPTI O N
PIN
ACTIVE
TYPE
DESCRIPTION
clk
-
input
Global system clock
rst
Low
input
Global system reset
prgdata[7:0]
-
input
Program memory bus input
datai[7:0]
-
input
Memory bus input
ufrdatai[7:0]
-
input
UFRs data bus input
ready
Low
input
Code and Data memory Ready
irq
*
input
Interrupt input
portai[7:0]
-
input
Port A input
portbi[7:0]
-
input
Port B input
portci[7:0]
-
input
Port C input
portdi[7:0]
-
input
Port D input
cap1,2
Low
input
Capture inputs
rxd
Low
input
SCI receiver data input
si
High
input
SPI slave input
mi
High
input
SPI master input
scki
*
input
SPI clock input
ss
Low
input
SPI slave select
clkdocd
-
input
DoCD
TM clock input
docddatai
-
input
DoCD
TM serial Data input
prgaddr[15:0]
-
output
Program memory address bus
prgoe
-
output
Program memory output enable
datao[7:0]
-
output
Data memory & UFR bus output
addr[15:0]
-
output
Data memory address bus
ramwe
Low
output
Data memory write enable
ramoe
Low
output
Data memory output enable
ufraddr[5:0]
-
output
UFR’s address bus
ufrwe
Low
output
UFRs write enable
ufroe
Low
output
UFRs output enable
halt
High
output
Halt clock system (STOP inst.)
portao[7:0]
-
output
Port A output
portbo[7:0]
-
output
Port B output
portco[7:0]
-
output
Port C output
portdo[7:0]
-
output
Port D output
ddra[7:0]
-
output
Port A data direction control
ddrb[7:0]
-
output
Port B data direction control
ddrc[7:0]
-
output
Port C data direction control
ddrd[7:0]
-
output
Port D data direction control
cmp1,2
*
output
Compare outputs
txd
Low
output
SCI transmitter data output
so
High
output
SPI slave output
mo
High
output
SPI master output
scko
*
output
SPI clock output
sckz
High
output
Disconnect SPI clock output
docddatao
-
output
DoCD
TM Serial Data Output
docdclk
-
output
DoCD
TM Serial Clock Output
prgwe
-
output
DoCD
TM Program Memory Write
* Kind of activity is configurable
SYMBOL
addr(15:0)
ramwe
ramoe
portao(7:0)
portdo(7:0)
portco(7:0)
portbo(7:0)
portai(7:0)
portbi(7:0)
portci(7:0)
portdi(7:0)
datai(7:0)
ufrdatai(7:0)
irq
cap1
cap2
clk
rst
rxd
datao(7:0)
txd
halt
ddra(7:0)
ddrd(7:0)
ddrc(7:0)
ddrb(7:0)
cmp1
cmp2
prgdata(7:0)
prgaddr(15:0)
prgoe
ready
ufraddr(5:0)
ufrwe
ufroe
clkdocd
docddatai
docddatao
docdclk
prgwe
DoCD
TM Interface
si
mi
so
mo
scki
scko
sckz
ss



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com