Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6808 Datasheet(PDF) 3 Page - Digital Core Design

Part # DF6808
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6808 Datasheet(HTML) 3 Page - Digital Core Design

  DF6808 Datasheet HTML 1Page - Digital Core Design DF6808 Datasheet HTML 2Page - Digital Core Design DF6808 Datasheet HTML 3Page - Digital Core Design DF6808 Datasheet HTML 4Page - Digital Core Design DF6808 Datasheet HTML 5Page - Digital Core Design DF6808 Datasheet HTML 6Page - Digital Core Design DF6808 Datasheet HTML 7Page - Digital Core Design DF6808 Datasheet HTML 8Page - Digital Core Design DF6808 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
♦
◊
◊
◊
♦
◊
◊
◊
♦
◊
◊
◊
♦
♦
♦
◊
◊
○
http://www.DigitalCoreDesign.com
http://www.dcd.pl
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
Encrypted, or plain text EDIF
VHDL & VERILOG test bench environ-
ment
Active-HDL automatic simulation macros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
●
Delivery the IP Core updates, minor
and major versions changes
●
Delivery the documentation updates
Phone & email support
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of IP
Core easy and simply.
Single Design
license allows use IP Core in
single FPGA bitstream and ASIC implementa-
tion.
Unlimited Designs, One Year
licenses allow
use IP Core in unlimited number of FPGA bit-
streams and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time restric-
tion except One Year license where time of
use is limited to 12 months.
●
○
Single Design license for
VHDL, Verilog source code called HDL Sour-
ce
○ Encrypted, or plain text EDIF called Netlist
●
○
●
○
○
●
○
○
One Year license for
Encrypted Netlist only
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
HDL Source to Netlist
Single Design to Unlimited Designs
CONFIGURATION
The following parameters of the DF6808 core
can be easy adjusted to requirements of
dedicated application and technology. Con-
figuration of the core can be prepared by ef-
fortless
changing appropriate constants in
package file. There is no need to change any
parts of the code.
- used
• DoCD
TM Hardware Debugger
- unused
- Harvard
• Architecture type
- Von Neumann
- Synchronous
• Memories type
- Asynchronou
- used
• Data Memory wait-states
- unused
- used
• Power saving STOP mode
- unused
- used
• WATCHDOG Timer
- unused
- used
• Timer system
- unused
- used
• Compare Capture channels
- unused
- used
• PORTS A, B, C, D
- unused
- used
• SCI – UART Interface
- unused
- used
• SPI Interface
- unused
- used
• Support for DIV Instructions
- unused
- used
• Support for MUL Instruction
- unused
- used
• Support for DAA Instruction
- unused



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com