Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6808 Datasheet(PDF) 7 Page - Digital Core Design

Part # DF6808
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6808 Datasheet(HTML) 7 Page - Digital Core Design

  DF6808 Datasheet HTML 1Page - Digital Core Design DF6808 Datasheet HTML 2Page - Digital Core Design DF6808 Datasheet HTML 3Page - Digital Core Design DF6808 Datasheet HTML 4Page - Digital Core Design DF6808 Datasheet HTML 5Page - Digital Core Design DF6808 Datasheet HTML 6Page - Digital Core Design DF6808 Datasheet HTML 7Page - Digital Core Design DF6808 Datasheet HTML 8Page - Digital Core Design DF6808 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
●
○
○
○
○
○
○
○
●
○
○
○
○
○
○
●
●
●
http://www.DigitalCoreDesign.com
http://www.dcd.pl
OPTIONAL
PERIPHERALS
There are also available an optional pe-
ripherals, not included in presented DF6808
Microcontroller Core. The optional peripherals,
can be implemented in microcontroller core
upon customer request.
I2C bus controller - Master
7-bit and 10-bit addressing modes
NORMAL, FAST, HIGH speeds
Multi-master systems supported
Clock arbitration and synchronization
User defined timings on I2C lines
Wide range of system clock frequencies
Interrupt generation
I2C bus controller - Slave
NORMAL speed 100 kbs
FAST speed 400 kbs
HIGH speed 3400 kbs
Wide range of system clock frequencies
User defined data setup time on I2C lines
Interrupt generation
PWM – Pulse Width Modulation Timer
Fixed-Point arithmetic coprocessor
Floating-Point
arithmetic
coprocessor
IEEE-754 standard single precision
PERFORMANCE
The following table gives a survey about
the Core area and performance in the
ALTERA® devices after Place & Route:
Device
Speed
grade
Logic Cells
Fmax
CYCLONE
-6
2635
61 MHz
CYCLONE II
-6
2635
65 MHz
STRATIX
-5
2636
65 MHz
STRATIX II
-3
2124
96 MHz
STRATIX GX
-5
2636
66 MHz
APEX20KC
-7
2531
48 MHz
APEX20KE
-1
2531
41 MHz
ACEX1K
-1
2536
36 MHz
FLEX10KE
-1
2536
36 MHz
Core performance in ALTERA® devices
Area utilized by the each unit of DF6808 core
in vendor specific technologies is summarized
in table below.
Component
Area
[LC]
[FFs]
CPU*
1 780
214
Main Timer
110
55
COM/CAP
150
60
Watchdog
29
14
SPI Interface
131
62
UART - SCI
272
124
I/O Ports
161
64
Total area
2 635
593
*CPU – consisted of ALU, Control Unit and Instruction Decoder, Bus
Controller with support for 64KB RAM, External IRQ pin Interrupt Con-
troller
Core components area utilization



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com