Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811 Datasheet(PDF) 2 Page - Digital Core Design

Part # DF6811
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811 Datasheet(HTML) 2 Page - Digital Core Design

  DF6811 Datasheet HTML 1Page - Digital Core Design DF6811 Datasheet HTML 2Page - Digital Core Design DF6811 Datasheet HTML 3Page - Digital Core Design DF6811 Datasheet HTML 4Page - Digital Core Design DF6811 Datasheet HTML 5Page - Digital Core Design DF6811 Datasheet HTML 6Page - Digital Core Design DF6811 Datasheet HTML 7Page - Digital Core Design DF6811 Datasheet HTML 8Page - Digital Core Design DF6811 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
● Fully synthesizable, static synchronous
design with no internal tri-states
● No internal reset generator or gated clock
● Scan test ready
● Technology independent HDL source code
● Core can be fully customized
● 1 GHz virtual clock frequency compared to
original implementation
DESIGN FEATURES
♦
ONE GLOBAL SYSTEM CLOCK
♦
SYNCHRONOUS RESET
The DF6811 has 3 reset vectors
sources, which easy identify a cause of
system reset.
♦
ALL ASYNCHRONOUS INPUT SIGNALS ARE
SYNCHRONIZED BEFORE INTERNAL USE
DATA MEMORY:
The DF6811 can address up to 16M
bytes of Data Memory via the function in-
terconnect signals. The 256 bytes of Data
Memory in every 64k page is reserved for
the Function Registers. Extra DPP (Data
Page Pointer) register is used for segments
swapping. Data Memory can be imple-
mented as synchronous or asynchronous
RAM.
SYSTEM FUNCTION REGISTERS:
Up to 256 System Function Regis-
ters(SFRs) may be implemented to the
DF6811
design.
SFRs
are
memory
mapped into Data Memory within any 4k
bytes address space
.
PROGRAM MEMORY:
Up to 64kB of Program Memory may be
implemented to the DF6811 design. Pro-
gram Memory can be implemented as syn-
chronous or asynchronous ROM.
PERIPHERALS
The peripherals listed below are implemented
in standard configuration of DF6811.
● DoCDTM on Chip Debugger
○ Processor execution control
○ Read, write all processor contents
○ Hardware execution breakpoints
○ Three wire communication interface
● Four 8-bit I/O Ports
● Interrupt Controller
○ 20 interrupt sources
○ 17 priority levels
○ Dedicated Interrupt vector for each interrupt
● Main16-bit timer/counter system
○ 16 bit free running counter
○ Four stage programmable prescaller
○ Timer clocked by internal source
○ Real Time Interrupt
● 16-bit Compare/Capture Unit
○ Three independent input-capture functions
○ Five output-compare channels
○ Events capturing
○ Pulses and digital signals generation
○ Gated timers
○ Sophisticated comparator
○ Pulse width modulation
○ Pulse width measuring
● 8-bit Pulse accumulator
○ Two major modes of operation
○ Simple event counter
○ Gated time accumulation
○ Clocked by internal source or external pin
● SPI – Master and Slave Serial Peripheral
Interface
○ Supports speeds up 1/8 of system clock
○ Software selectable polarity and phase of se-
rial clock SCK
○ System errors detection
○ Allows operation from a wide range of system
clock frequencies (build-in 5-bit timer)
○ Interrupt generation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com