Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811 Datasheet(PDF) 7 Page - Digital Core Design

Part # DF6811
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811 Datasheet(HTML) 7 Page - Digital Core Design

  DF6811 Datasheet HTML 1Page - Digital Core Design DF6811 Datasheet HTML 2Page - Digital Core Design DF6811 Datasheet HTML 3Page - Digital Core Design DF6811 Datasheet HTML 4Page - Digital Core Design DF6811 Datasheet HTML 5Page - Digital Core Design DF6811 Datasheet HTML 6Page - Digital Core Design DF6811 Datasheet HTML 7Page - Digital Core Design DF6811 Datasheet HTML 8Page - Digital Core Design DF6811 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
pulse accumulator input (PAI) pin present
some interesting application possibilities.
DoCD
TM - Debug Unit – it’s a real-time hard-
ware debugger provides debugging capability
of a whole SoC system. In contrast to other
on-chip debuggers DoCD™ provides non-
intrusive debugging of running application. It
can halt, run, step into or skip an instruction,
read/write any contents of microcontroller in-
cluding all registers, internal, external, pro-
gram memories, all SFRs including user de-
fined peripherals. Hardware breakpoints can
be set and controlled on program memory,
internal and external data memories, as well
as on SFRs. Hardware breakpoint is executed
if any write/read occurred at particular address
with certain data pattern or without pattern.
The DoCDTM system includes three-wire in-
terface and complete set of tools to communi-
cate and work with core in real time debug-
ging. It is built as scalable unit and some fea-
tures can be turned off to save silicon and
reduce power consumption. A special care on
power consumption has been taken, and
when debugger is not used it is automatically
switched in power save mode. Finally whole
debugger is turned off when debug option is
no longer used.
OPTIONAL
PERIPHERALS
There are also available an optional pe-
ripherals, not included in presented DF6811
Microcontroller Core. The optional peripherals,
can be implemented in microcontroller core
upon customer request.
● I2C bus controller - Master
○ 7-bit and 10-bit addressing modes
○ NORMAL, FAST, HIGH speeds
○ Multi-master systems supported
○ Clock arbitration and synchronization
○ User defined timings on I2C lines
○ Wide range of system clock frequencies
○ Interrupt generation
● I2C bus controller - Slave
○ NORMAL speed 100 kbs
○ FAST speed 400 kbs
○ HIGH speed 3400 kbs
○ Wide range of system clock frequencies
○ User defined data setup time on I2C lines
○ Interrupt generation
● PWM – Pulse Width Modulation Timer
○ 4 independent 8-bit PWM channels, concate-
nated on two 16-bit PWM channel
○ Software-selectable duty from 0% to 100% and
pulse period
○ Software-selectable polarity of output wave-
form
● Fixed-Point arithmetic coprocessor
○ Multiplication - 16bit * 16bit
○ Division - 32bit / 16bit
○ Division - 16bit / 16bit
○ Left and right shifting - 1 to 31 bits
○ Normalization
● Floating-Point
arithmetic
coprocessor
IEEE-754 standard single precision
○ FADD, FSUB - addition, subtraction
○ FMUL, FDIV- multiplication, division
○ FSQRT- square root
○ FUCOM - compare
○ FCHS - change sign
○ FABS - absolute value
● Floating-Point math coprocessor - IEEE-
754 standard single precision real, word
and short integers
○ FADD, FSUB- addition, subtraction
○ FMUL, FDIV- multiplication, division
○ FSQRT- square root
○ FUCOM- compare
○ FCHS - change sign
○ FABS - absolute value
○ FSIN, FCOS- sine, cosine
○ FTAN, FATAN – tangent arcs tangent



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com