Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811 Datasheet(PDF) 3 Page - Digital Core Design

Part # DF6811
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811 Datasheet(HTML) 3 Page - Digital Core Design

  DF6811 Datasheet HTML 1Page - Digital Core Design DF6811 Datasheet HTML 2Page - Digital Core Design DF6811 Datasheet HTML 3Page - Digital Core Design DF6811 Datasheet HTML 4Page - Digital Core Design DF6811 Datasheet HTML 5Page - Digital Core Design DF6811 Datasheet HTML 6Page - Digital Core Design DF6811 Datasheet HTML 7Page - Digital Core Design DF6811 Datasheet HTML 8Page - Digital Core Design DF6811 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
● Full-duplex UART - SCI
○ Standard Nonreturn to Zero format (NRZ)
○ 8 or 9 bit data transfer
○ Integrated baud rate generator
○ Noise, Overrun and Framing error detection
○ IDLE and BREAK characters generation
○ Wake-up block to recognize UART wake-up
from IDLE condition
○ Three SCI related interrupts
DELIVERABLES
♦
Source code:
◊
VHDL Source Code or/and
◊
VERILOG Source Code or/and
◊
Encrypted, or plain text EDIF
♦
VHDL & VERILOG test bench environ-
ment
◊
Active-HDL automatic simulation macros
◊
ModelSim automatic simulation macros
◊
Tests with reference responses
♦
Technical documentation
◊
Installation notes
◊
HDL core specification
◊
Datasheet
♦
Synthesis scripts
♦
Example application
♦
Technical support
◊
IP Core implementation support
◊
3 months maintenance
●
Delivery the IP Core updates, minor
and major versions changes
●
Delivery the documentation updates
○ Phone & email support
LICENSI N G
Comprehensible and clearly defined licensing
methods without royalty fees make using of IP
Core easy and simply.
Single Design
license allows use IP Core in
single FPGA bitstream and ASIC implementa-
tion.
Unlimited Designs, One Year
licenses allow
use IP Core in unlimited number of FPGA bit-
streams and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time restric-
tion except One Year license where time of
use is limited to 12 months.
● Single Design license for
○ VHDL, Verilog source code called HDL Source
○ Encrypted, or plain text EDIF called Netlist
● One Year license for
○ Encrypted Netlist only
● Unlimited Designs license for
○ HDL Source
○ Netlist
● Upgrade from
○ HDL Source to Netlist
○ Single Design to Unlimited Designs
CONFIGURATI O N
The following parameters of the DF6811 core
can be easy adjusted to requirements of
dedicated application and technology. Con-
figuration of the core can be prepared by ef-
fortless
changing appropriate constants in
package file. There is no need to change any
parts of the code.
-
used
• DoCD
TM Hardware Debugger
-
unused
-Harvard
• Architecture type
-
Von Neumann
-
Synchronous
• Memories type
-
Asynchronou
-
64 kB
• Data Memory size
-
16 MB
-
used
• Memories wait-states
-
unused
-
used
• Power saving STOP mode
-
unused
-
used
• WATCHDOG Timer
-
unused
-
used
• Timer system & Com, Cap
-
unused
-
used
• Pulse Accumulator
-
unused
-
used
• PORTS A, B, C, D
-
unused
-
used
• SCI – UART Interface
-
unused
-
used
• SPI Interface
-
unused
-
used
•
Support for MUL and DIV
Instructions
-
unused



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com