Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811 Datasheet(PDF) 4 Page - Digital Core Design

Part # DF6811
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811 Datasheet(HTML) 4 Page - Digital Core Design

  DF6811 Datasheet HTML 1Page - Digital Core Design DF6811 Datasheet HTML 2Page - Digital Core Design DF6811 Datasheet HTML 3Page - Digital Core Design DF6811 Datasheet HTML 4Page - Digital Core Design DF6811 Datasheet HTML 5Page - Digital Core Design DF6811 Datasheet HTML 6Page - Digital Core Design DF6811 Datasheet HTML 7Page - Digital Core Design DF6811 Datasheet HTML 8Page - Digital Core Design DF6811 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
PINS DESCRIPTION
PIN
ACTIVE
TYPE
DESCRIPTION
clk
-
input
Global system clock
por
Low
input
Power on reset vector fetch
cmf
Low
input
Clock monitor fail vector fetch
prgdata[7:0]
-
input
Program memory bus input
ready
Low
input
Ready for Code and Data mem.
datai[7:0]
-
input
Memory bus input
ufrdatai[7:0]
-
input
UFRs data bus input
irq
*
input
Interrupt input
xirq
Low
input
Non-maskable interrupt input
portxi[7:0]
-
input
Port A, B, C, D input
cap1,2,3
Low
input
Capture inputs
pai
*
input
Pulse accumulator input
rxd
Low
input
SCI receiver data input
si
High
input
SPI slave input
mi
High
input
SPI master input
scki
*
input
SPI clock input
ss
Low
input
SPI slave select
prgaddr[15:0]
-
output
Program memory address bus
prgoe
-
output
Program memory output enable
datao[7:0]
-
output
Data memory & UFR bus output
addr[23:0]
-
output
Data memory address bus
ramwe
Low
output
Data memory write enable
ramoe
Low
output
Data memory output enable
ufraddr[7:0]
-
output
UFR address bus
ufrwe
Low
output
UFRs write enable
ufroe
Low
output
UFRs output enable
lir
Low
output
Load instruction register
halt
High
output
Halt clock system (STOP inst.)
portxo[7:0]
-
output
Port A, B, C, D output
ddrx[7:0]
-
output
Port A, B, C, D direction control
cmp1,2,3,4,5
*
output
Compare outputs
cmp1en,2,3,4,5
High
output
Output compare enable
txd
Low
output
SCI transmitter data output
so
High
output
SPI slave output
mo
High
output
SPI master output
scko
*
output
SPI clock output
scken
High
output
SPI clock output enable
soen
High
output
SPI Slave Output enable
clkdocd
-
input
DoCD
TM clock input
docddatai
-
input
DoCD
TM serial Data input
docddatao
-
output
DoCD
TM Serial Data Output
docdclk
-
output
DoCD
TM Serial Clock Output
* Kind of activity is configurable
SYMBO L
iramaddr(9:0)
iramwe
iramoe
portao(7:0)
portdo(7:0)
portco(7:0)
portbo(7:0)
portai(7:0)
portbi(7:0)
portci(7:0)
portdi(7:0)
iramdata(7:0)
ufrdatai(7:0)
irq
xirq
pai
cap1
cap2
cap3
clk
rxd
datao(7:0)
txd
si
mi
so
mo
soen
scki
scko
scken
ss
por
cmf
halt
ddra(7:0)
ddrd(7:0)
ddrc(7:0)
ddrb(7:0)
cmp1en
cmp2en
cmp3en
cmp4en
cmp5en
cmp1
cmp2
cmp3
cmp4
cmp5
lir
iromdata(7:0)
iromaddr(12:0)
iromoe
iromwe
ready
ufraddr(7:0)
ufrwe
ufroe
clkdocd
docddatai
docddatao
docdclk
DoCD
TM Interface
xramaddr(23:0)
xramwe
xramoe
xramdata(7:0
moda
modb
dataen



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com