Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811 Datasheet(PDF) 5 Page - Digital Core Design

Part # DF6811
Description  8-bit FAST Microcontrollers Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811 Datasheet(HTML) 5 Page - Digital Core Design

  DF6811 Datasheet HTML 1Page - Digital Core Design DF6811 Datasheet HTML 2Page - Digital Core Design DF6811 Datasheet HTML 3Page - Digital Core Design DF6811 Datasheet HTML 4Page - Digital Core Design DF6811 Datasheet HTML 5Page - Digital Core Design DF6811 Datasheet HTML 6Page - Digital Core Design DF6811 Datasheet HTML 7Page - Digital Core Design DF6811 Datasheet HTML 8Page - Digital Core Design DF6811 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
BLOCK DIAGRAM
Control Unit
- Performs the core synchroni-
zation and data flow control. This module
manages execution of all instructions. The
Control Unit also manages execution of STOP
instruction and waking-up the processor from
the STOP mode.
Opcode Decoder
- Performs an instruction
opcode decoding and the control functions for
all other blocks.
ALU
- Arithmetic Logic Unit performs the
arithmetic and logic operations during execu-
tion of an instruction. Contains accumulator
(A, B), Condition Code Register (CCREG),
Index registers X, Y and related logic such as
arithmetic and logic unit, and multiplier/divider.
Bus Controller
– Program Memory, Data
Memory & SFR’s (Special Function Register)
interface controls access into the program and
data memories and special registers. It con-
tains Program Counter (PC), Stack Pointer
(SP) register, INIT register (INIT), Data Page
Pointer (DPP), and related logic.
Interrupt Controller
- DF6811 extended IC
has implemented 17-level interrupt priority
control. The interrupt requests may come from
external pins (IRQ and XIRQ) as well as from
particular peripherals. The DF6811 peripheral
systems generate maskable interrupts, which
are recognized only if the global interrupt
mask bit (I) in the CCR is cleared. Maskable
interrupts are prioritized according to default
arrangement (look at the table below) estab-
lished during reset. However any one source
may be elevated to the highest maskable pri-
ority position using HPRIO register. When
interrupt condition occurs, an interrupt status
flag is set to indicate the condition.
I/O Ports
- All ports are 8-bit general-purpose
bi-directional
I/O
system.
The
PORTA,
PORTB, PORTC, PORTD data registers have
their corresponding data direction registers
DDRA, DDRB, DDRC, DDRD to control ports
data flow. It assures that all DF6811’s ports
have full I/O selectable registers. Writes to
any ports pins cause data to be stored in the
data registers. If any port pins are configured
as output then data registers are driven out of
those pins. Reads from port pins configured
as input causes that input pin is read. If port
pins is configured as output, during read data
register is read. Writes to any ports pins not
configured as outputs do not cause data to be
driven out of those pins, but the data is stored
in the output registers. Thus, if the pins later
become outputs, the last data written to port
will be driven out the port pins.
portao
portdo
portco
portbo
iromdata
clk
por
cmf
datao
cap1
cap2
cap3
BUS
Controller
I/O
Ports
Opcode
Decoder
Control
Unit
Interrupt
Controller
Timer
with
Compare /
Capture
Unit
SCI Unit
SPI Unit
irq
cmp1
cmp2
cmp3
cmp4
cmp5
cmp1en
cmp2en
cmp3en
cmp4en
cmp5en
txd
rxd
mo
so
si
scki
mi
scko
scken
xirq
iromoe
iromwe
iromaddr
ss
halt
portai
portdi
portci
portbi
lir
ddra
ddrd
ddrc
ddrb
Watchdog
Timer
Pulse
Accumulator
pai
ALU
ready
DoCD
TM
Debugger
docdclk
docddatai
docddatao
clkdocd
iramdata
iramwe
iramaddr
iramoe
xramdata
xramwe
xramaddr
xramoe
ufrdata
ufrwe
ufraddr
ufroe
moda
soen
dataen
modb
Timer, Compare Capture & COP Watchdog
- This timer system is based on a free-running
16-bit counter with a 4-stage programmable
prescaler. A timer overflow function allows
software to extend the timing capability of the
system beyond the 16-bit range of the coun-
ter. Three independent input-capture functions
are used to automatically record the time
when a selected transition is detected at a
respective timer input pin. Five output-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com