Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS38 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TMP88CS38 Datasheet HTML 1Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 2Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 3Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 4Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 5Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 6Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 7Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 8Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-4
Pin Functions (1/2)
Pin Name
I/O
Function
P20 ( INT5 / STOP )
I/O (Input)
1-bit input/output port with latch. When
used as an input port, the latch must be
set to “1”.
External interrupt input 5 or STOP
mode release signal input
P35 (SDA0)
I/O (Input/Output)
I
2C bus serial data input/output 0
P34 (SCL0)
I/O (Input/Output)
I
2C bus serial clock input/output 0
P33 (TC4/VIN0)
I/O (Input)
Timer counter input 4 or video signal
Input 0
P32 (VIN1/CSIN)
I/O (Input)
Video signal input 1 or composite sync
input
P31 (INT4/TC3)
I/O (Input)
External interrupt input 4 or timer
counter input 3
P30 (INT3/RXIN)
I/O (Input)
6-bit programmable input/output port.
Each
bit
of
these
ports
can
be
individually configured as an input or
an
output
under
software
control.
During reset, all bits are configured as
inputs. When used as a serial bus
interface input/output, the latch must
be set to “1”.
External interrupt input 3 or remote
control signal preprocessor input
P47 ( PWM7 )
I/O (Output)
P46 ( PWM6 )
I/O (Output)
P45 ( PWM5 )
I/O (Output)
P44 ( PWM4 )
I/O (Output)
7-bit DA conversion (PWM) outputs
P43 ( PWM3 )
I/O (Output)
P42 ( PWM2 )
I/O (Output)
12-bit DA conversion (PWM) outputs
P41 ( PWM1 )
I/O (Output)
P40 ( PWM0 )
I/O (Output)
8-bit programmable input/output port.
Each
bit
of
these
ports
can
be
individually configured as an input or
an
output
under
software
control.
During reset, all bits are configured as
inputs. When used as a PWM output,
the latch must be set to “1”.
14/12-bit DA conversion (PWM)
outputs
P57 (I)
I/O (Output)
Translucent signal output
P56 ( KWU3 /AIN3)
I/O (Input)
P55 ( KWU2 /AIN2)
I/O (Input)
P54 ( KWU1 /AIN1)
I/O (Input)
Key-on wakeup inputs or AD converter
analog inputs
P53 ( KWU0 /AIN0/TC1
/INT2/ SCK1 )
I/O (Input /Input/Input
/Input/Output)
Key-on wakeup input or AD converter
analog input or timer counter input 1 or
external interrupt input 2 or SIO serial
clock input/output 1
P52 (SDA1/SO1)
I/O (Input/Output
/Output)
I
2C bus serial data input/output 1 or
SIO serial data output 1
P51 ( PWM9 /SCL1/SI1)
I/O (Output/Input/Output
/Input)
7-bit DA conversion (PWM) output or
I
2C bus serial data input/output 1 or
SIO serial data input 1
P50 ( PWM8 /TC2/ INT0 )
I/O
(Output/Input /Input)
8-bit programmable input/output port.
Each
bit
of
these
ports
can
be
individually configured as an input or
an
output
under
software
control.
During reset, all bits are configured as
inputs. When used as a PWM output, a
serial bus interface input/output, the
latch must be set to “1”.
7-bit DA conversion (PWM) output or
timer counter input 2 or external
interrupt input 0
P67 (Y/BL)
I/O (Output)
Y or BL output
P66 (B)
I/O (Output)
P65 (G)
I/O (Output)
P64 (R)
I/O (Output)
R/G/B outputs
P63 (RIN)
I/O (Input)
R input
P62 (GIN/CSOUT)
I/O (Input/Output)
G input or TEST video signal output
P61 ( KWU5 /BIN/AIN5)
I/O (Input)
Key-on wakeup input 5 or B input or AD
converter analog input 5
P60
( KWU4 /YBLIN/AIN4)
I/O (Input)
8-bit programmable input/output port.
(P67 to P64: Tri-State, P63 to P60:
High current output) Each bit of these
ports can be individually configured as
an input or an output under software
control. During reset, all bits are
configured as inputs. When used P64
to P67 as port, each bit of the P6 port
data selection register (Bit7 to 4 in
ORP6S) must be set to “1”.
Key-on wakeup input 4 or Y/BL input or
AD converter analog input 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com