Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS38 Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 54Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 55Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 56Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 57Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 58Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 59Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 60Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 61Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-58
Example: Sets the watchdog timer detection time to 2
21/fc [s] and resets the CPU malfunction.
LD
(WDTCR2), 4EH
; Clears the binary counters
LD
(WDTCR1), 00001101B
; WDTT
← 10, WDTOUT ← 1
LD
(WDTCR2), 4EH
; Clears the binary counters
(always clear immediately before and after changing WDTT)
LD
(WDTCR2), 4EH
; Clears the binary counters
LD
(WDTCR2), 4EH
; Clears the binary counters
Watchdog Timer Register 1
7
6
5
4
3
2
1
0
WDTCR1
(00034H)
WDTEN
WDTT
WDTOUT
(Initial value: **** 1001)
WDTEN
Watchdog timer
enable/disable
0: Disable (It is necessary to write the disable code to
WDTCR2)
1: Enable
NORMAL mode
DV1CK
= 0
DV1CK
= 1
00
2
25 /fc
2
26/fc
01
2
23/fc
2
24/fc
10
2
21/fc
2
22/fc
WDTT
Watchdog timer
detection time [s]
11
2
19/fc
2
20/fc
WDTOUT
Watchdog timer
output select
0: Interrupt request
1: Reset output
Write
only
Note 1:
WDTOUT cannot be set to “1” by program after clearing WDTOUT to “0”.
Note 2:
fc: High-frequency clock [Hz], *: Don’t care
Note 3:
WDTCR1 is a write-only register and must not be used with any of read-modify-write instructions.
Note 4:
The watchdog timer must be disabled or the counter must be cleared immediately before entering to the
STOP mode. When the counter is cleared, the counter must be cleared again immediately after releasing
the STOP mode.
Note 5:
Just right before disabling the watchdog timer, disable the acceptance of interrupts (DI) and clear the
watchdog timer.
If the watchdog timer is disabled under conditions other than the above, the proper operation cannot be
guaranteed.
Watchdog Timer Register 2
7
6
5
4
3
2
1
0
WDTCR2
(00035H)
(Initial value: **** ****)
WDTCR2
Watchdog timer control
code write register
4EH: Watchdog timer binary counter clear (Clear code)
B1H: Watchdog timer disable (Disable code)
Others: Invalid
Write
only
Note 1:
The disable code is invalid unless written when WDTEN
= 0.
Note 2:
*: Don’t care
Note 3:
The binary counter of the watchdog timer must not be cleared by the interrupt task.
Note 4:
Clears the binary counter does not clear the source clock.
It is recommended that the time to clear is set to 3/4 of the detecting time.
Note 5:
The watchdog timer counter must be disabled by writing the disable code (B1H) to WDRCR2 after writing
WDTCR2 to. “4EH”.
Figure 2.4.2 Watchdog Timer Control Registers
Within 3/4 of WDT
detection time
Within 3/4 of WDT
detection time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com