Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS38 Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 55Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 56Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 57Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 58Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 59Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 60Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 61Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 62Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-59
(2) Watchdog timer enable
The watchdog timer is enabled by setting WDTEN (Bit3 in WDTCR1) to “1”.
WDTEN is initialized to “1” during reset, so the watchdog timer operates immediately
after reset is released.
Example: Disables watchdog timer
LDW
(WDTCR1), 00001000B
;
WDTEN
← 1
(3) Watchdog timer disable
To disable the watchdog timer, clear the interrupt mask enable flag (IMF) to “0” and
write the clear code (4EH) into WDTCR2. Then, clear WDTEN (Bit3 in WDTCR1) to “0”.
When WDTEN is “0”, the watchdog timer is disabled by writing the disable code (B1H)
into WDTCR2. If WDTEN is cleared to “0” after the disable code has been written into
WDTCR2, the watchdog timer is not disabled. While it is disabled, its binary counter is
cleared.
Example:
DI
;
Disables interrupt acceptance.
LD
(WDTCR2), 4EH
;
Clears the watchdog timer.
LDW
(WDTCR1), B101H
;
Disables the watchdog timer.
EI
;
Enables interrupt acceptance.
Table 2.4.1 Watchdog Timer Detection Time (Example: fc
= 16 MHz)
Watchdog timer detection time [s]
NORMAL mode
WDTT
DV1CK
= 0
DV1CK
= 1
00
2.097
4.194
01
524.288 m
1.048
10
131.072 m
262.1
m
11
32.768 m
65.5
m
2.4.3
Watchdog Timer Interrupt (INTWDT)
This is a pseudo non-maskable interrupt which can be accepted regardless of the
contents of the EIR. If a watchdog timer interrupt or a software interrupt is already
accepted, however, the new watchdog timer interrupt waits until the previous interrupt
processing is completed (the end of the [RETN] instruction execution).
The stack pointer (SP) should be initialized before using the watchdog timer output as an
interrupt source with WDTOUT.
Example: Watchdog timer interrupt setting up
LD
SP, 023FH
;
Sets the stack pointer
LD
(WDTCR1), 00001000B
;
WDTOUT
← 0
2.4.4
Watchdog Timer Reset
If the watchdog timer output becomes active, a reset is generated, which drivers the
RESET
pin (Sink open drain input/output with pull-up) low to reset the internal hardware.
The reset output time is about 8/fc to 24/fc [s] (0.5 to 1.5
μs at fc = 16.0 MHz).
Note:
If there is any fluctuation in the oscillation frequency at the start of clock oscillation, the
reset time includes error. Thus, regard the reset time as an approximate value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com