Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS38 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 9Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 10Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 11Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 12Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 13Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 14Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 15Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 16Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-13
System Control Register 1
7
6
5
4
3
2
1
0
SYSCR1
(00038H)
STOP
RELM
“0”
“1”
WUT
(Initial value: 0000 00** )
STOP
STOP mode start
0: CPU core and peripherals remain active
1: CPU core and peripherals are halted
(Start STOP mode)
RELM
Release method for STOP mode
0:
STOP
edge-sensitive release (Rising edge)
1:
STOP
level-sensitive release (“H” level)
Return to NORMAL mode
DV1CK
= 0
DV1CK
= 1
WUT
Warm-up time at releasing STOP
mode
00
01
10
11
3
× 216/fc
2
16/fc
2
14/fc
Reserved
3
× 217/fc
2
17/fc
2
15/fc
Reserved
R/W
Note 1:
Always set bit5 in SYSCR1 to “0”.
Note 2:
When STOP mode is released with RESET pin input, a return is made to NORMAL mode regardless of the
RETM contents.
Note 3:
fc: High-frequency clock [Hz], *: Don’t care
Note 4:
Bits 1 and 0 in SYSCR1 are read in as undefined data when a read instruction is executed.
Note 5:
Always set bit4 in SYSCR1 to “1” when STOP mode is started.
System Control Register 2
7
6
5
4
3
2
1
0
SYSCR2
(00039H)
“1”
“0”
“0”
IDLE
(Initial value: 1000 **** )
IDLE
IDLE mode start
0: CPU and watchdog timer remain active
1: CPU and watchdog timer are stopped (Start IDLE mode)
R/W
Note 1:
*: Don’t care
Note 2:
Always set bit7, 6 and 5 in SYSCR2 to “100”.
Figure 1.4.8 System Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com