Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP88CS38 Datasheet(PDF) 93 Page - Toshiba Semiconductor

Part # TMP88CS38
Description  8-bit single chip microcomputer
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88CS38 Datasheet(HTML) 93 Page - Toshiba Semiconductor

Back Button TMP88CS38 Datasheet HTML 89Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 90Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 91Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 92Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 93Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 94Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 95Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 96Page - Toshiba Semiconductor TMP88CS38 Datasheet HTML 97Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 226 page
background image
TMP88CS38/CM38A/CP38A
2007-09-12
88CS38-93
As master 1 pulls down the SCL pin to the low level at point “a”, the SCL line of
the bus becomes the low level. After detecting this situation, master 2 resets
counting a clock pulse in the high level and sets the SCL pin to the low level.
Master 1 finishes counting a clock pulse in the low level at point “b” and sets the
SCL pin to the high level. Since master 2 holds the SCL line of the bus at the low
level, master 1 waits for counting a clock pulse in the high level. After master 2
sets a clock pulse to the high level at point “c” and detects the SCL line of the bus
at the high level, master 1 starts counting a clock pulse in the high level. Then,
the master, which has finished the counting a clock pulse in the high level, pulls
down the SCL pin to the low level.
The clock pulse on the bus is deteminded by the master device with the shortest
high-level period and the master device with the longest low-level period from
among those master devices connected to the bus.
(4) Slave address and address recognition mode specification
When the serial bus interface circuit is used with an addressing format to recognize
the slave address, clear the ALS (Bit0 in I2CAR) to “0”, and set the SA (Bits 7 to 1 in
I2CAR) to the slave address.
When the serial bus interfac circuit is used with a free data format not to recognize
the slave address, set the ALS to “1”. With a free data format, the slave address and the
direction bit are not recognized, and they are processed as data from immediately after
start condition.
(5) Master/slave selection
To set a master device, the MST (Bit7 in SBICRB) should be set to “1”. To set a slave
device, the MST should be cleared to “0”.
When a stop condition on the bus or an arbitration lost is detected, the MST is
cleared to “0” by the hardware.
(6) Transmitter/receiver selection
To set the device as a transmitter, the TRX (Bit6 in SBICRB) should be set to “1”. To
set the device as a receiver, the TRX should be cleared to “0”. When data with an
addressing format is transferred in the slave mode, the TRX is set to “1” by a hardware
if the direction bit (R/ W ) sent from the master device is “1”, and is cleared to “0” by a
hardware if the bit is “0. In the master mode, after an acknowledge signal is returned
from the slave device, the TRX is cleared to “0” by a hardware if a transmitted direction
bit is “1”, and is set to “1” by a hardware if it is “0”. When an acknowledge signal is not
returned, the current condition is maintained.
When a stop condition on the bus or an arbitration lost is detected, the TRX is
cleared to “0” by the hardware. The following table show TRX changing conditions in
each mode and TRX value after changing.
Mode
Direction Bit
Conditions
TRX after Changing
“0”
“0”
Slave
mode
“1”
A received slave address is the
same value set to I2CAR
“1”
“0”
“1”
Master
mode
“1”
ACK signal is returned
“0”
When a serial bus interface circuit operates in the free data format, a slave address
and a direction bit are not recognized. They are handled as data just after generating a
start condition. The TRX is not changed by a hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com