Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1005FUD2/HAP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SL3S1005FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 10Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 11Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 12Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 13Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 15Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 16Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
Bank
Address
Type
Content
Initial
Remark
00h to 1Fh
reserved
Kill password
all 00h
unlocked memory
Bank 00
20h to 3Fh
reserved
Access password
all 00h
unlocked memory
00h to 0Fh
EPC
CRC-16: refer to [1]
memory mapped
calculated CRC
10h to 14h
EPC
EPC length
00110b
unlocked memory
15h
EPC
UMI
1b
hardwired to 1
16h
EPC
XPC indicator
0b
hardwired to 0
17h to 1Fh
EPC
numbering system indicator 00h
unlocked memory
Bank 01
EPC
20h to 11Fh
EPC
EPC
[1]
unlocked memory
00h to 07h
TID
allocation class identifier
1110 0010b
locked memory
08h to 13h
TID
tag mask designer identifier 1000 0000 0110b
locked memory
14h
TID
config word indicator
1b[2]
locked memory
15h to 1Fh
TID
tag model number
TMNR[3]
locked memory
20h to 2Fh
TID
XTID header
2000h
locked memory
Bank 10
TID
30h to 5Fh
TID
serial number
SNR
locked memory
70h
TID
RFU
0b
locked memory
71h
TID
Read NOK
0b
indicator bit
72h
TID
EPC NOK
0b
indicator bit
73h
TID
RFU
0b
locked memory
74h
TID
Brand Identifier
0b
action bit
75h
TID
RFU
0b
locked memory
76h
TID
RFU
0b
locked memory
77h
TID
Self-Adjust disable
0b
permanent bit[4]
78h
TID
Dynamic backscatter
0b
permanent bit[4]
79h
TID
min. backscatter strength
0b
permanent bit[4]
7Ah
TID
RFU
0b
locked memory
7Bh
TID
RFU
0b
locked memory
7Ch
TID
RFU
0b
locked memory
7Dh
TID
RFU
0b
locked memory
7Eh
TID
Mem Config1
0b
permanent bit[4]
Bank 10
Config Word
7Fh
TID
Mem Config0
1b
permanent bit[4]
Bank 11
USER
000h - 26Fh USER
User memory
undefined
unlocked memory
Table 6. UCODE 9xm memory map 256-bit EPC / 624-bit UM
[1]
HEX E280 6897 0000 nnnn nnnn nnnn 0000 0000 where n are the nibbles of the SNR from the TID
[2]
Indicates the existence of a Configuration Word at the end of the TID number
[3]
See Figure 4
[4]
Permanent bit: permanently stored bits in the memory, see Section 9.6.1
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
13 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com