Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1005FUD2/HAP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 2 Page - NXP Semiconductors

  SL3S1005FUD2/HAP Datasheet HTML 1Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 2Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 3Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 4Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 5Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 6Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 7Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 8Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
2 Features and benefits
2.1 Key features
• Read sensitivity -24 dBm
• Write sensitivity -22 dBm
• Innovative functionality
– Customer configurable EPC/User Memory size
– Self-Adjust
– Memory Safeguard
– Brand Identifier
– Standardized Untraceable
– Pre-serialization of 96-bit EPC
• Compatible with single-slit antenna
• EPC Gen2v2.1
2.2 Memory
• Up to 496-bit of EPC memory
• Up to 752-bit of user memory
• Pre-serialized 96-bit EPC
• 96-bit Factory locked Tag Identifier (TID)
• 48-bit unique serial number factory-encoded into TID
• 32-bit kill password to permanently disable the tag
• 32-bit access password
• Wide operating temperature range: -40 °C up to +85 °C
• Minimum 100k write cycle endurance
2.3 Supported features
• All mandatory commands of the EPC Gen2v2.1 specification are implemented including:
– Kill command
• The following optional commands are implemented in conformance with the EPC Gen2v2.1:
– BlockWrite (2 words, 32-bit)
– Blockpermalock (128-bit)
– Untraceable including read range reduction
– Access command
• Self-Adjust for automated tag performance optimization
• Brand Identifier: enables product authentication verification
All supported features of the UCODE 9xm can be activated using standard EPCglobal
READ / WRITE / ACCESS / SELECT commands. No custom commands are needed to take advantage of any
of the features.
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
2 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com