Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1005FUD2/HAP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SL3S1005FUD2/HAP Datasheet HTML 4Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 5Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 6Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 7Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 8Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 10Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 11Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
8 Mechanical specification
UCODE 9xm wafers are available in 120 µm thickness. The 120 µm thick wafer includes a 10 µm Polyimide
spacer resulting in less coupling between the antenna and the active circuit, leaving more room for process
control (for example, pressure).
8.1 Wafer specification
8.1.1 12-inch wafer
See [3].
Wafer
Designation
each wafer is scribed with batch number and
wafer number
Diameter
300 mm (12") unsawn
Thickness
120 µm ± 15 µm
Number of pads
4
Pad location
nondiagonal / placed in chip corners
Process
CMOS 0.14 µm
Batch size
25 wafers
Net printed dies per wafer
242104
Wafer backside
Material
Si
Treatment
ground and stress release
Roughness
Ra max. 0.5 µm, Rt max. 5 µm
Chip dimensions
Die size excluding scribe
0.525 mm × 0.51 mm = 0.268 mm2
X-dimension = 8.6 µm
Scribe line width:
Y-dimension = 8.6 µm
Passivation on front
Type
Sandwich structure
Material
PE-Oxide (on top)
Thickness
2.25 µm total thickness of passivation
Polyimide spacer
10 µm ± 2 µm
Au pads
Pad material
> 99.9 % pure Au
Pad hardness
35 – 80 HV 0.005
Pad shear strength
> 70 MPa
Pad height
3 µm
Table 3. 12-inch specification, plasma diced
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
8 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com