Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1005FUD2/HAP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 4 Page - NXP Semiconductors

  SL3S1005FUD2/HAP Datasheet HTML 1Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 2Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 3Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 4Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 5Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 6Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 7Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 8Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
4 Ordering information
Type number
Package
Name
IC type
Description
Version
SL3S1005FUD2/HAP Wafer
UCODE 9xm Die on sawn 12" 120 µm wafer 10 µm polyimide
spacer with large pads, plasma diced
not applicable
Table 1. Ordering information
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
4 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com