Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3S1005FUD2/HAP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SL3S1005FUD2/HAP
Description  The UCODE 9xm is the latest NXP product of the UCODE family supporting user memory.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL3S1005FUD2/HAP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SL3S1005FUD2/HAP Datasheet HTML 6Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 7Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 8Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 9Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 10Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 11Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 12Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 13Page - NXP Semiconductors SL3S1005FUD2/HAP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
NXP Semiconductors
SL3S1005
UCODE 9xm
9 Functional description
9.1 Air interface standards
The UCODE 9xm fully supports all parts of the "EPC™ Radio-Frequency Identity Protocols Generation-2 UHF
RFID, Specification for RFID Air Interface, Protocol for Communications at 860 MHz to 960 MHz, Version 2.1"
[1].
9.2 Power transfer
The interrogator provides an RF field that powers the tag, equipped with a UCODE 9xm. The antenna
transforms the impedance of free space to the chip input impedance in order to get the maximum power for the
UCODE 9xm on the tag.
The RF field, which is oscillating on the operating frequency provided by the interrogator, is rectified to provide a
smoothed DC voltage to the analog and digital modules of the IC.
The antenna that is attached to the chip may use a DC connection between the two antenna pads. Therefore
the UCODE 9xm also enables loop antenna design.
9.3 Data transfer
9.3.1 Interrogator to tag link
An interrogator transmits information to the UCODE 9xm by modulating an UHF RF signal. The UCODE 9xm
receives both information and operating energy from this RF signal. Tags are passive, meaning that they
receive all of their operating energy from the interrogator's RF waveform.
An interrogator is using a fixed modulation and data rate for the duration of at least one inventory round. It
communicates to the UCODE 9xm by modulating an RF carrier.
For further details, refer to [1].
9.3.2 Tag to interrogator link
Upon transmitting a valid command, an interrogator receives information from a UCODE 9xm tag by
transmitting an unmodulated RF carrier and listening for a backscattered reply. The UCODE 9xm backscatters
by switching the reflection coefficient of its antenna between two states in accordance with the data being sent.
For further details, refer to [1].
The UCODE 9xm communicates information by backscatter-modulating the amplitude and/or phase of the RF
carrier. Interrogators shall be capable of demodulating either demodulation type.
The encoding format, selected in response to interrogator commands, is either FM0 baseband or Miller-
modulated subcarrier.
SL3S1005
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.1 — 12 February 2025
Document feedback
10 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com