Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 203 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 203 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 207Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 294 page
background image
Page 187
TMP86FS49BUG
If received data is not read out from SIO2RDB receive error occurs immediately after shift opera-
tion is finished. Then INTSIO2 interrupt request is generated after SIO2SR<RXERR> is set to “1”.
(3) Stopping the receive operation
There are two ways for stopping the receive operation.
• The way of clearing SIO2CR<SIOS>.
When SIO2CR<SIOS> is cleared to “0”, receive operation is stopped after all of the data is
finished to receive. When receive operation is finished, SIO2SR<SIOF> is cleared to “0”.
In external clock operation, SIO2CR<SIOS> must be cleared to “0” before SIO2SR<SEF> is
set to “1” by starting the next shift operation.
• The way of setting SIO2CR<SIOINH>.
Receive operation is stopped immediately after SIO2CR<SIOINH> is set to “1”. In this case,
SIO2CR<SIOS>, SIO2SR register, SIO2RDB register and SIO2TDB register are initialized.
Figure 15-10 Example of Internal Clock and MSB Receive Mode
A6 A5 A4 A3 A2 A1
A0
A7
B7 B6 B5 B4 B3 B2 B1
C7
B0
C6 C5 C4 C3 C2 C1 C0
B
A
C
Automatic wait
Start shift
operation
Start shift
operation
Start shift
operation
Writing transmit
data A
Writing transmit
data B
Clearing SIOS
Writing transmit
data C
SIO2CR<SIOS>
SIO2SR<SIOF>
SIO2SR<SEF>
SCK2
pin
SI2 pin
SIO2SR<RXF>
INTSIO2
interrupt
request
SIO2RDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com