Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 205 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 205 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 209Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 294 page
background image
Page 189
TMP86FS49BUG
Figure 15-12 Example of Receive Error Processing
Note: If receive error is not corrected, an interrupt request does not generate after the error occurs.
15.3.3.3 Transmit/receive mode
The transmit/receive mode are selected by writing “10” to SIO2CR<SIOM>.
(1) Starting the transmit/receive operation
Transmit/receive mode is selected by writing “10B” to SIO2CR<SIOM>. Serial clock is selected
by using SIO2CR<SCK>. Transfer direction is selected by using SIO2CR<SIODIR>.
When a transmit data is written to the transmit buffer register (SIO2TDB), SIO2SR<TXF> is
cleared to “0”.
After SIO2CR<SIOS> is set to “1”, SIO2SR<SIOF> is set synchronously to the falling edge of
SCK2
pin.
The data is transferred sequentially starting from SO2 pin with the direction of the bit specified by
SIO2CR<SIODIR>, synchronizing with the SCK2 pin's falling edge. And receiving operation also
starts with the direction of the bit specified by SIO2CR<SIODIR>, synchronizing with the SCK2
pin's rising edge.
SIO2SR<SEF> is kept in high level between the first clock falling edge of SCK2 pin and eighth
clock falling edge.
SIO2SR<TXF> is set to “1” at the rising edge of SCK2 pin after the data written to the SIO2TDB is
transferred to shift register. When 8-bit data has been received, the received data is transferred to
SIO2RDB from shift register, then the INTSIO2 interrupt request occurs, synchronizing with setting
SIO2SR<RXF> to “1”.
Note 1: In internal clock operation, when the SIO2CR<SIOS> is set to "1", SIO2TDB is transferred to
shift register after maximum 1-cycle of serial clock frequency, then a serial clock is output from
SCK2
pin.
Note 2: In external clock operation, when the falling edge is input from SCK2 pin after SIO2CR<SIOS> is
set to "1", SIO2TDB is transferred to shift register immediately. When the rising edge is input
from SCK2 pin, receive operation also starts.
Writing transmit
data B
Writing transmit
data A
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3 C2 C1 C0
Start shift
operation
Start shift
operation
Start shift
operation
Write a "0" after reading the
received data when a receive
error occurs.
SIO2CR<SIOS>
SIO2SR<SEF>
SCK2
pin
SIO2SR<RXERR>
INTSIO2
interrupt
request
SIO2RDB
SI2 pin
SIO2SR<SIOF>
SIO2SR<RXF>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com