Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 206 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 206 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 210Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 294 page
background image
Page 190
15. Synchronous Serial Interface (SIO2)
15.3 Function
TMP86FS49BUG
(2) During the transmit/receive operation
When data is written to SIO2TDB, SIO2SR<TXF> is cleared to “0” and when a data is read from
SIO2RDB, SIO2SR<RXF> is cleared to “0”.
In internal clock operation, in case of the condition described below, the serial clock stops to “H”
level by an automatic-wait function when all of the bit set in the data has been transmitted.
• Next transmit data is not written to SIO2TDB after reading a received data from SIO2RDB.
• Received data is not read from SIO2RDB after writing a next transmit data to SIO2TDB.
• Neither SIO2TDB nor SIO2RDB is accessed after transmission.
The automatic wait function is released by writing the next transmit data to SIO2TDB after reading
the received data from SIO2RDB, or reading the received data from SIO2RDB after writing the next
data to SIO2TDB.
Then, transmit/receive operation is restarted after maximum 1 cycle of serial clock.
In external clock operation, reading the received data from SIO2RDB and writing the next data to
SIO2TDB must be finished before the shift operation of the next data begins.
If the transmit data is not written to SIO2TDB after SIO2SR<TXF> is set to “1”, transmit error
occurs immediately after shift operation is started. When the transmit error occurred,
SIO2SR<TXERR> is set to “1”.
If received data is not read out from SIO2RDB before next shift operation starts after setting
SIO2SR<RXF> to “1”, receive error occurs immediately after shift operation is finished. When the
receive error has occurred, SIO2SR<RXERR> is set to “1”.
(3) Stopping the transmit/receive operation
There are two ways for stopping the transmit/receive operation.
• The way of clearing SIO2CR<SIOS>.
When SIO2CR<SIOS> is cleared to “0”, transmit/receive operation is stopped after all trans-
fer of the data is finished. When transmit/receive operation is finished, SIO2SR<SIOF> is
cleared to “0” and SO2 pin is kept in high level.
In external clock operation, SIO2CR<SIOS> must be cleared to “0” before SIO2SR<SEF> is
set to “1” by beginning next transfer.
• The way of setting SIO2CR<SIOINH>.
Transmit/receive operation is stopped immediately after SIO2CR<SIOINH> is set to “1”. In
this case, SIO2CR<SIOS>, SIO2SR register, SIO2RDB register and SIO2TDB register are
initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com