Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 283 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 283 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 279Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 280Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 281Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 282Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 283Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 284Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 285Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 286Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 287Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 294 page
background image
Page 267
TMP86FS49BUG
22. Electrical Characteristics
22.1 Absolute Maximum Ratings
The absolute maximum ratings are rated values which must not be exceeded during operation, even for an instant.
Any one of the ratings must not be exceeded. If any absolute maximum rating is exceeded, a device may break down
or its performance may be degraded, causing it to catch fire or explode resulting in injury to the user. Thus, when
designing products which include this device, ensure that no absolute maximum rating value will ever be exceeded.
(VSS = 0 V)
Parameter
Symbol
Pins
Ratings
Unit
Supply voltage
VDD
-0.3 to 6.0
V
Input voltage
VIN
-0.3 to VDD + 0.3
V
Output voltage
VOUT1
-0.3 to VDD + 0.3
V
Output current (Per 1 pin)
IOUT1
P0, P1, P4, P6, P7 ports
-1.8
mA
IOUT2
P0, P1, P2, P4, P6, P7 ports
3.2
IOUT3
P3, P5 ports
30
Output current (Total)
Σ IOUT1
P0, P1, P2, P4, P6, P7 ports
60
Σ IOUT2
P3, P5 ports
80
Power dissipation [Topr = 85
°C]
PD
250
mW
Soldering temperature (time)
Tsld
260 (10 s)
°C
Storage temperature
Tstg
-55 to 125
Operating temperature
Topr
-40 to 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com