Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 284 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 284 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 280Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 281Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 282Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 283Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 284Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 285Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 286Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 287Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 288Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 294 page
background image
Page 268
22. Electrical Characteristics
22.1 Absolute Maximum Ratings
TMP86FS49BUG
22.2 Operating Conditions
The Operating Conditions shows the conditions under which the device be used in order for it to operate normally
while maitaining its quality. If the device is used outside the range of Operating Conditions (power supply voltage,
operating temperature range, or AC/DC rated values), it may operate erratically. Therefore, when designing your
application equipment, always make sure its intended working conditions will not exceed the range of Operating
Conditions.
22.2.1 MCU mode (Flash Programming or erasing)
22.2.2 MCU mode (Except Flash Programming or erasing)
(VSS = 0 V, Topr = -10 to 40°C)
Parameter
Symbol
Pins
Ratings
Min
Max
Unit
Supply voltage
VDD
NORMAL1, 2 modes
4.5
5.5
V
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
VIH2
Hysteresis input
VDD × 0.75
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
Clock frequency
fc
XIN, XOUT
1.0
16.0
MHz
(VSS = 0 V, Topr = -40 to 85°C)
Parameter
Symbol
Pins
Ratings
Min
Max
Unit
Supply voltage
VDD
fc = 16 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
4.5
5.5
V
fc = 8 MHz
NORMAL1, 2 modes
IDLE0, 1, 2 modes
2.7
fs = 32.768 KHz
SLOW1, 2 modes
SLEEP0, 1, 2 modes
STOP mode
Input high level
VIH1
Except hysteresis input
VDD ≥ 4.5 V
VDD × 0.70
VDD
V
VIH2
Hysteresis input
VDD × 0.75
VIH3
VDD < 4.5 V
VDD × 0.90
Input low level
VIL1
Except hysteresis input
VDD ≥ 4.5 V
0
VDD × 0.30
VIL2
Hysteresis input
VDD × 0.25
VIL3
VDD < 4.5 V
VDD × 0.10
Clock frequency
fc
XIN, XOUT
VDD = 2.7 to 5.5V
1.0
8.0
MHz
VDD = 4.5 to 5.5V
16.0
fs
XTIN, XTOUT
VDD = 2.7 to 5.5V
30.0
34.0
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com