Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49BUG Datasheet(PDF) 287 Page - Toshiba Semiconductor

Part # TMP86FS49BUG
Description  8 Bit Microcontroller
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49BUG Datasheet(HTML) 287 Page - Toshiba Semiconductor

Back Button TMP86FS49BUG Datasheet HTML 283Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 284Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 285Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 286Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 287Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 288Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 289Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 290Page - Toshiba Semiconductor TMP86FS49BUG Datasheet HTML 291Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 294 page
background image
Page 271
TMP86FS49BUG
Note 8: The circuit of a power supply must be designed such as to enable the supply of a peak current. This peak current causes
the supply voltage in the device to fluctuate. Connect a bypass capacitor of about 0.1
µF near the power supply of the
device to stabilize its operation.
Note 9: VIN is supply volage to the terminals except for TEST pin. VTEST: is supply voltage for TEST pin.
Note 10:To execute the Program, Erase and Security Program commands on the flash memory, the temperature must be kept
within Topr = -10 to 40 degree celsius. If this temperature range is not observed, operation cannot be guaranteed.
Figure 22-1 Intermittent Operation of Flash Memory
Figure 22-2 Current When an Erase or Program is Being Performed on the Flash Memory
n
Program coutner (PC)
n+1
n+2
n+3
1 machine cycle (4/fc or 4/fs)
MCU current
I
[mA]
DDP-P
Typ. current
Momentary flash current
Max. current
Sum of average
momentary flash current
and MCU current
Internal write signal
TBD, TSCE
Last write cycle of each of the Byte Program,
Security Program, Chip Erase and Sector Erase
I
[mA]
DDEW
Internal data bus
Program counter (PC)
1 machine cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com