Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 61 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 61 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 57Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 58Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 59Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 60Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 61Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 62Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 63Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 64Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 65Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 172 page
background image
Page 51
TMP86CS44UG
5.4 Port P3 (P37 to P30)
Port P3 is an 8-bit input/output port which can be configured as an input or an output in one-bit unit under software
control. Port P3 is also used as an analog input, key on wake up input. Input/output mode is specified by the corre-
sponding bit in the port P3 input/output control register (P3CR), and AINDS (bit 4 in ADCCR1). During reset,
P3CR are initialized to “0” and AINDS is set to “1”, therefore port P3 is configured as an input.
When used as an analog input, set an analog input channel to SAIN (bit 0, 1, 2 in ADCCR1) and clear AINDS to
“0”. When AINDS is “0”, the pin which is specified as an analog input is used as analog input independent on the
value of P3CR and P3DR.
When used as an input port or key on wake up input, the corresponding bit of P3CR is cleared to “0” without spec-
ifying as an analog input.
When the AD converter is enabled (AINDS is “0”), the data of port which is selected as an analog input is read
“0”. and the data of port which is not selected as an analog input is read “0” or “1”, depend on the voltage level.
When used as an output port, the corresponding bit of P3CR is set to “1” without specifying as an analog input.
Data can be written into the output latch regardless of P3CR contents, therefore initial output data should be written
into the output latch before setting P3CR.
The pins not used as analog input can be used as an input/output port. But output instructions should not be exe-
cuted to keep a precision. In addition, a variable signal should not be input to an adjacent port to the analog input
during AD conversion.
Figure 5-5 Port P3
Note: Ports set to the input mode read the pin states. Ports set to the output mode read the output latch. When input pin and out-
put pin exist in port P3 together, the contents of the output latch which is specified as an input mode may be rewritten by
executing the bit manipulation instructions.
P3DR
(0003H)
R/W
76
543
21
0
P37
AIN7
STOP5
P36
AIN6
STOP4
P35
AIN5
STOP3
P34
AIN4
STOP2
P33
AIN3
P32
AIN2
P31
AIN1
P30
AIN0
(Initial value: 0000 0000)
P3CR
(000EH)
76
543
21
0
(Initial value: 0000 0000)
P3CR
I/O control
(Specified for each bit)
0: Input mode
1: Output mode
R/W
Output latch
Output latch
Data input (P3DR)
Analog input
Key on wake up
Data output (P3DR)
STOP
STOPjEN
OUTEN
AINDS
SAIN
P3CRi
P3i
Note: i = 7
to 0
j = 5 to 2
P3CRi input
D
Q
D
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com