Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 12Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 13Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 14Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 15Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 16Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 19Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 172 page
background image
Page 6
1.4 Pin Names and Functions
TMP86CS44UG
P37
AIN7
STOP5
33
IO
I
I
PORT37
Analog Input7
STOP5 input
P36
AIN6
STOP4
32
IO
I
I
PORT36
Analog Input6
STOP4 input
P35
AIN5
STOP3
31
IO
I
I
PORT35
Analog Input5
STOP3 input
P34
AIN4
STOP2
30
IO
I
I
PORT34
Analog Input4
STOP2 input
P33
AIN3
29
IO
I
PORT33
Analog Input3
P32
AIN2
28
IO
I
PORT32
Analog Input2
P31
AIN1
27
IO
I
PORT31
Analog Input1
P30
AIN0
26
IO
I
PORT30
Analog Input0
P47
44
IO
PORT47
P46
43
IO
PORT46
P45
42
IO
PORT45
P44
41
IO
PORT44
P43
40
IO
PORT43
P42
39
IO
PORT42
P41
38
IO
PORT41
P40
37
IO
PORT40
XIN
2
I
Resonator connecting pins for high-frequency clock
XOUT
3
O
Resonator connecting pins for high-frequency clock
RESET
8
IO
Reset signal
TEST
4
I
Test pin for out-going test. Normally, be fixed to low.
AVDD
35
I
Power supply
AVSS
36
I
Power supply
VDD
5
I
Power Supply
VSS
1
I
0(GND)
Table 1-1 Pin Names and Functions(2/2)
Pin Name
Pin Number
Input/Output
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com