Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 82 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 82 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 78Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 79Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 80Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 81Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 82Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 83Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 84Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 85Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 86Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 172 page
background image
Page 72
8. 16-Bit TimerCounter 1 (TC1)
8.3 Function
TMP86CS44UG
8.3.3 Event Counter Mode
In the event counter mode, the up-counter counts up at the edge of the input pulse to the TC1 pin. Either the
rising or falling edge of the input pulse is selected as the count up edge in TC1CR<TC1S>.
When a match between the up-counter and the TC1DRA value is detected, an INTTC1 interrupt is generated
and the up-counter is cleared. After being cleared, the up-counter restarts counting at each edge of the input
pulse to the TC1 pin. Since a match between the up-counter and the value set to TC1DRA is detected at the
edge opposite to the selected edge, an INTTC1 interrupt request is generated after a match of the value at the
edge opposite to the selected edge.
Two or more machine cycles are required for the low-or high-level pulse input to the TC1 pin.
Setting TC1CR<ACAP1> to “1” captures the up-counter value into TC1DRB with the auto capture function.
Use the auto-capture function in the operative condition of TC1. A captured value may not be fixed if it's read
after the execution of the timer stop or auto-capture disable. Read the capture value in a capture enabled condi-
tion. Since the up-counter value is captured into TC1DRB by the source clock of up-counter after setting
TC1CR<ACAP1> to "1". Therefore, to read the captured value, wait at least one cycle of the internal source
clock before reading TC1DRB for the first time.
Figure 8-4 Event Counter Mode Timing Chart
Table 8-2 Input Pulse Width to TC1 Pin
Minimum Pulse Width [s]
NORMAL1/2, IDLE1/2 Mode
SLOW1/2, SLEEP1/2 Mode
High-going
23/fc
23/fs
Low-going
23/fc
23/fs
At the
rising edge
(TC1S = 10)
INTTC1
interrput request
TC1 pin Input
Up-counter
TC1DRA
?
2
1
0
n
Timer start
2
1
0
n
Match detect
Counter clear
n
− 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com