Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 91Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 92Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 93Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 94Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 95Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 96Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 97Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 98Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 172 page
background image
Page 85
TMP86CS44UG
9.3.2 Event counter mode
In this mode, events are counted on the rising edge of the TC2 pin input. The contents of TC2DR are com-
pared with the contents of the up counter. If a match is found, an INTTC2 interrupt is generated, and the
counter is cleared. Counting up is resumed every the rising edge of the TC2 pin input after the up counter is
cleared.
Match detect is executed on the falling edge of the TC2 pin. Therefore, an INTTC2 interrupt is generated at
the falling edge after the match of TC2DR and up counter.
The minimum input pulse width of TC2 pin is shown in Table 9-2. Two or more machine cycles are required
for both the “H” and “L” levels of the pulse width.
Figure 9-3 Event Counter Mode Timing Chart
9.3.3 Window mode
In this mode, counting up performed on the rising edge of an internal clock during TC2 external pin input
(Window pulse) is “H” level. The contents of TC2DR are compared with the contents of up counter. If a match
found, an INTTC2 interrupt is generated, and the up-counter is cleared.
The maximum applied frequency (TC2 input) must be considerably slower than the selected internal clock
by the TC2CR<TC2CK>.
Note:It is not available window mode in the SLOW/SLEEP mode. Therefore, at the window mode in NORMAL
mode, the timer should be halted by setting TC2CR<TC2S> to "0" before the SLOW/SLEEP mode is entered.
Example :Sets the event counter mode and generates an INTTC2 interrupt 640 counts later.
LDW
(TC2DR), 640
; Sets TC2DR
DI
; IMF= “0”
SET
(EIRH). 5
;Enables INTTC2 interrupt
EI
; IMF= “1”
LD
(TC2CR), 00011100B
; TC2 source vclock / mode select
LD
(TC2CR), 00111100B
; Starts TC2
Table 9-2 Timer/Counter 2 External Input Clock Pulse Width
Minimum Input Pulse Width [s]
NORMAL1/2, IDLE1/2 mode
SLOW1/2, SLEEP1/2 mode
“H” width
23/fc
23/fs
“L” width
23/fc
23/fs
n
INTTC2 interrupt
TC2 pin input
Counter
TC2DR
Match detect
Counter clear
Timer start
0
1
2
3
n
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com