Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 20 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 20 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 16Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 17Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 18Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 19Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 20Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 21Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 22Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 23Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 24Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 172 page
background image
Page 10
2. Operational Description
2.2 System Clock Controller
TMP86CS44UG
2.2.2 Timing Generator
The timing generator generates the various system clocks supplied to the CPU core and peripheral hardware
from the basic clock (fc or fs). The timing generator provides the following functions.
1. Generation of main system clock
2. Generation of divider output (DVO) pulses
3. Generation of source clocks for time base timer
4. Generation of source clocks for watchdog timer
5. Generation of internal source clocks for timer/counters
6. Generation of warm-up clocks for releasing STOP mode
2.2.2.1 Configuration of timing generator
The timing generator consists of a 2-stage prescaler, a 21-stage divider, a main system clock generator,
and machine cycle counters.
An input clock to the 7th stage of the divider depends on the operating mode, SYSCR2<SYSCK> and
TBTCR<DV7CK>, that is shown in Figure 2-4. As reset and STOP mode started/canceled, the prescaler
and the divider are cleared to “0”.
Figure 2-4 Configuration of Timing Generator
Multi-
plexer
High-frequency
clock fc
Low-frequency
clock fs
Divider
SYSCK
fc/4
fc or fs
Machine cycle counters
Main system clock generator
1
2
1
4
3
2
8
7
10
9
12
11
14
13
16
15
DV7CK
Multiplexer
Warm-up
controller
Watchdog
timer
A
S
B
Y
S
B0
A0 Y0
B1
A1 Y1
5
6
17 18 19 20 21
Timer counter, Serial interface, Time-base-timer, divider output, etc. (Peripheral functions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com