Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86CS44UG Datasheet(PDF) 141 Page - Toshiba Semiconductor

Part # TMP86CS44UG
Description  8 Bit Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86CS44UG Datasheet(HTML) 141 Page - Toshiba Semiconductor

Back Button TMP86CS44UG Datasheet HTML 137Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 138Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 139Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 140Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 141Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 142Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 143Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 144Page - Toshiba Semiconductor TMP86CS44UG Datasheet HTML 145Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 172 page
background image
Page 131
TMP86CS44UG
12.9 Status Flag
12.9.1 Parity Error
When parity determined using the receive data bits differs from the received parity bit, the parity error flag
UARTSR<PERR> is set to “1”. The UARTSR<PERR> is cleared to “0” when the RDBUF is read after read-
ing the UARTSR.
Figure 12-5 Generation of Parity Error
12.9.2 Framing Error
When “0” is sampled as the stop bit in the receive data, framing error flag UARTSR<FERR> is set to “1”.
The UARTSR<FERR> is cleared to “0” when the RDBUF is read after reading the UARTSR.
Figure 12-6 Generation of Framing Error
12.9.3 Overrun Error
When all bits in the next data are received while unread data are still in RDBUF, overrun error flag
UARTSR<OERR> is set to “1”. In this case, the receive data is discarded; data in RDBUF are not affected.
The UARTSR<OERR> is cleared to “0” when the RDBUF is read after reading the UARTSR.
Parity
Stop
Shift register
pxxxx0*
1pxxxx0
xxxx0**
RXD pin
UARTSR<PERR>
INTRXD interrupt
After reading UARTSR then
RDBUF clears PERR.
Final bit
Stop
Shift register
xxxx0*
0xxxx0
xxx0**
RXD pin
UARTSR<FERR>
INTRXD interrupt
After reading UARTSR then
RDBUF clears FERR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com