Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 182Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 183Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 184Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 185Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 186Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 187Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 188Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 189Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 296 page
background image
Page 170
14. Synchronous Serial Interface (SIO1)
14.3 Function
TMP86FS49AIUG
Figure 14-11 Example of External Clock and MSB Receive Mode
(4)
Receive error processing
Receive errors occur on the following situation. To protect SIO1RDB and the shift register con-
tents, the received data is ignored while the SIO1SR<RXERR> is “1”.
• Shift operation is finished before reading out received data from SIO1RDB at
SIO1SR<RXF> is “1” in an external clock operation.
If receive error occurs, set the SIO1CR<SIOS> to “0” for reading the data that received
immediately before error occurence. And read the data from SIO1RDB. Data in shift register
(at errors occur) can be read by reading the SIO1RDB again.
When SIO1SR<RXERR> is cleared to “0” after reading the received data, SIO1SR<RXF> is
cleared to “0”.
After clearing SIO1CR<SIOS> to “0”, when 8-bit serial clock is input to SCK1 pin, receive
operation is stopped. To restart the receive operation, confirm that SIO1SR<SIOF> is
cleared to “0”.
If the receive error occurs, set the SIO1CR<SIOINH> to “1” for stopping the receive opera-
tion immediately. In this case, SIO1CR<SIOS>, SIO1SR register, SIO1RDB register and
SIO1TDB register are initialized.
Reading received
data C
Reading received
data B
Reading received
data A
C
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3 C2 C1 C0
Start shift
operation
Start shift
operation
Start shift
operation
Clearing SIOS
Reading received data
SIO1CR<SIOS>
SIO1SR<SIOF>
SIO1SR<SEF>
SCK1
pin
SI1 pin
SIO1SR<RXF>
INTSIO1
interrupt
request
SIO1RDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com