Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 188 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 188 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 184Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 185Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 186Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 187Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 188Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 189Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 190Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 191Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 192Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 296 page
background image
Page 172
14. Synchronous Serial Interface (SIO1)
14.3 Function
TMP86FS49AIUG
(2)
During the transmit/receive operation
When data is written to SIO1TDB, SIO1SR<TXF> is cleared to “0” and when a data is read from
SIO1RDB, SIO1SR<RXF> is cleared to “0”.
In internal clock operation, in case of the condition described below, the serial clock stops to “H”
level by an automatic-wait function when all of the bit set in the data has been transmitted.
• Next transmit data is not written to SIO1TDB after reading a received data from SIO1RDB.
• Received data is not read from SIO1RDB after writing a next transmit data to SIO1TDB.
• Neither SIO1TDB nor SIO1RDB is accessed after transmission.
The automatic wait function is released by writing the next transmit data to SIO1TDB after reading
the received data from SIO1RDB, or reading the received data from SIO1RDB after writing the next
data to SIO1TDB.
Then, transmit/receive operation is restarted after maximum 1 cycle of serial clock.
In external clock operation, reading the received data from SIO1RDB and writing the next data to
SIO1TDB must be finished before the shift operation of the next data begins.
If the transmit data is not written to SIO1TDB after SIO1SR<TXF> is set to “1”, transmit error
occurs immediately after shift operation is started. When the transmit error occurred,
SIO1SR<TXERR> is set to “1”.
If received data is not read out from SIO1RDB before next shift operation starts after setting
SIO1SR<RXF> to “1”, receive error occurs immediately after shift operation is finished. When the
receive error has occurred, SIO1SR<RXERR> is set to “1”.
(3)
Stopping the transmit/receive operation
There are two ways for stopping the transmit/receive operation.
• The way of clearing SIO1CR<SIOS>.
When SIO1CR<SIOS> is cleared to “0”, transmit/receive operation is stopped after all trans-
fer of the data is finished. When transmit/receive operation is finished, SIO1SR<SIOF> is
cleared to “0” and SO1 pin is kept in high level.
In external clock operation, SIO1CR<SIOS> must be cleared to “0” before SIO1SR<SEF> is
set to “1” by beginning next transfer.
• The way of setting SIO1CR<SIOINH>.
Transmit/receive operation is stopped immediately after SIO1CR<SIOINH> is set to “1”. In
this case, SIO1CR<SIOS>, SIO1SR register, SIO1RDB register and SIO1TDB register are
initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com