Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 193 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 193 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 189Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 190Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 191Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 192Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 193Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 194Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 195Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 197Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 296 page
background image
Page 177
TMP86FS49AIUG
15. Synchronous Serial Interface (SIO2)
The serial interfaces connect to an external device via SI2, SO2, and SCK2 pins.
When these pins are used as serial interface, the output latches for each port should be set to "1".
15.1 Configuration
Figure 15-1 Synchronous Serial Interface (SIO)
interrupt
Internal clock
input
To BUS
Shift register on transmitter
Shift register on receiver
(Serial data output)
Control circuit
Shift clock
Internal data bus
Port
(Note)
(Serial clock input/output)
Port
(Note)
(Serial data input)
Port
(Note)
Note: Set the register of port correctly for the port assigned as serial interface pins.
For details, see the description of the input/output port control register.
MSB/LSB
selection
SO2 pin
SI2 pin
SIO2TDB
SIO2RDB
SCK2
pin
INTSIO2
SIO2CR
SIO2SR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com