Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 194 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 194 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 190Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 191Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 192Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 193Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 194Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 195Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 198Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 296 page
background image
Page 178
15. Synchronous Serial Interface (SIO2)
15.2 Control
TMP86FS49AIUG
15.2 Control
The SIO is controlled using the serial interface control register (SIO2CR). The operating status of the serial inter-
face can be inspected by reading the status register (SIO2CR).
Note 1: When SIO2CR<SIOINH> is set to “1”, SIO2CR<SIOS>, SIO2SR register, SIO2RDB register and SIO2TDB register are
initialized.
Note 2: Transfer mode, direction of transfer and serial clock must be select during the transfer is stopping (when SIO2SR<SIOF>
"0").
Note 3: fc: High-frequency clock [Hz], fs: Low-frequency clock [Hz], *: Don’t care
Serial Interface Control Register
SIO2CR
(0031H)
765
43
21
0
SIOS
SIOINH
SIOM
SIODIR
SCK
(Initial value: 0000 0000)
SIOS
Specify start/stop of transfer
0: Stop
1: Start
R/W
SIOINH
Forcibly stops transfer (Note 1)
0: –
1: Forcibly stop (Automatically cleared to "0" after stopping)
SIOM
Selects transfer mode
00: Transmit mode
01: Receive mode
10: Transmit/receive mode
11: Reserved
SIODIR
Selects direction of transfer
0: MSB (Transfer beginning with bit7)
1: LSB (Transfer beginning with bit0)
SCK
Selects serial clock
NORMAL1/2 or IDLE1/2 modes
SLOW/SLEEP
mode
TBTCR
<DV7CK> = "0"
TBTCR
<DV7CK> = "1"
000
fc/212
fs/24
fs/24
001
fc/28
fc/28
Reserved
010
fc/27
fc/27
Reserved
011
fc/26
fc/26
Reserved
100
fc/25
fc/25
Reserved
101
fc/24
fc/24
Reserved
110
fc/23
fc/23
Reserved
111
External clock (Input from SCK2 pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com