Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 200 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 200 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 196Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 197Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 198Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 199Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 204Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 296 page
background image
Page 184
15. Synchronous Serial Interface (SIO2)
15.3 Function
TMP86FS49AIUG
(2)
During the transmit operation
When data is written to SIO2TDB, SIO2SR<TXF> is cleared to “0”.
In internal clock operation, in case a next transmit data is not written to SIO2TDB, the serial clock
stops to “H” level by an automatic-wait function when all of the bit set in the SIO2TDB has been
transmitted. Automatic-wait function is released by writing a transmit data to SIO2TDB. Then, trans-
mit operation is restarted after maximum 1-cycle of serial clock.
When the next data is written to the SIO2TDB before termination of previous 8-bit data with
SIO2SR<TXF> “1”, the next data is continuously transferred after transmission of previous data.
In external clock operation, after SIO2SR<TXF> is set to “1”, the transmit data must be written to
SIO2TDB before the shift operation of the next data begins.
If the transmit data is not written to SIO2TDB, transmit error occurs immediately after shift opera-
tion is started. Then, INTSIO2 interrupt request is generated after SIO2SR<TXERR> is set to “1”.
(3)
Stopping the transmit operation
There are two ways for stopping transmits operation.
• The way of clearing SIO2CR<SIOS>.
When SIO2CR<SIOS> is cleared to “0”, transmit operation is stopped after all transfer of the
data is finished. When transmit operation is finished, SIO2SR<SIOF> is cleared to “0” and
SO2 pin is kept in high level.
In external clock operation, SIO2CR<SIOS> must be cleared to “0” before SIO2SR<SEF> is
set to “1” by beginning next transfer.
• The way of setting SIO2CR<SIOINH>.
Transmit operation is stopped immediately after SIO2CR<SIOINH> is set to “1”. In this
case, SIO2CR<SIOS>, SIO2SR register, SIO2RDB register and SIO2TDB register are ini-
tialized.
Figure 15-6 Example of Internal Clock and MSB Transmit Mode
A6 A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1
C7
A7
B0
C6 C5 C4 C3 C2 C1 C0
A
B
C
Automatic wait
Start shift
operation
Start shift
operation
Start shift
operation
Writing transmit
data B
Writing transmit
data A
Writing transmit
data C
Clearing SIOS
SIO2CR<SIOS>
SIO2SR<SIOF>
SIO2SR<SEF>
SCK2
pin output
SO2 pin
SIO2SR<TXF>
SIO2TDB
INTSIO2
interrupt
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com