Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 204 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 204 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 200Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 201Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 202Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 203Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 208Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 296 page
background image
Page 188
15. Synchronous Serial Interface (SIO2)
15.3 Function
TMP86FS49AIUG
Figure 15-11 Example of External Clock and MSB Receive Mode
(4)
Receive error processing
Receive errors occur on the following situation. To protect SIO2RDB and the shift register con-
tents, the received data is ignored while the SIO2SR<RXERR> is “1”.
• Shift operation is finished before reading out received data from SIO2RDB at
SIO2SR<RXF> is “1” in an external clock operation.
If receive error occurs, set the SIO2CR<SIOS> to “0” for reading the data that received
immediately before error occurence. And read the data from SIO2RDB. Data in shift register
(at errors occur) can be read by reading the SIO2RDB again.
When SIO2SR<RXERR> is cleared to “0” after reading the received data, SIO2SR<RXF> is
cleared to “0”.
After clearing SIO2CR<SIOS> to “0”, when 8-bit serial clock is input to SCK2 pin, receive
operation is stopped. To restart the receive operation, confirm that SIO2SR<SIOF> is
cleared to “0”.
If the receive error occurs, set the SIO2CR<SIOINH> to “1” for stopping the receive opera-
tion immediately. In this case, SIO2CR<SIOS>, SIO2SR register, SIO2RDB register and
SIO2TDB register are initialized.
Reading received
data C
Reading received
data B
Reading received
data A
C
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3 C2 C1 C0
Start shift
operation
Start shift
operation
Start shift
operation
Clearing SIOS
Reading received data
SIO2CR<SIOS>
SIO2SR<SIOF>
SIO2SR<SEF>
SCK2
pin
SI2 pin
SIO2SR<RXF>
INTSIO2
interrupt
request
SIO2RDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com