Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 208 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 208 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 204Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 205Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 212Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 296 page
background image
Page 192
15. Synchronous Serial Interface (SIO2)
15.3 Function
TMP86FS49AIUG
Figure 15-14 Example of External Clock and MSB Transmit/Receive Mode
(4)
Transmit/receive error processing
Transmit/receive errors occur on the following situation. Corrective action is different, which
errors occur transmits or receives.
(a) Transmit errors
Transmit errors occur on the following situation.
• Shift operation starts before writing next transmit data to SIO2TDB in external clock op-
eration.
If transmit errors occur during transmit operation, SIO2SR<TXERR> is set to “1” im-
mediately after starting shift operation. And INTSIO2 interrupt request is generated af-
ter all of the 8-bit data has been received.
If shift operation starts before writing data to SIO2TDB after SIO2CR<SIOS> is set to
“1”, SIO2SR<TXERR> is set immediately after starting shift operation. And INTSIO2
interrupt request is generated after all of the 8-bit data has been received.
SO2 pin is kept in high level when SIO2SR<TXERR> is set to “1”. When transmit error
occurs, transmit operation must be forcibly stop by writing SIO2CR<SIOINH> to “1”
after the received data is read from SIO2RDB. In this case, SIO2CR<SIOS>, SIO2SR
register, SIO2RDB register and SIO2TDB register are initialized.
Writing transmit
data C
Writing transmit
data B
Writing transmit
data A
C
B
A7 A6
A
A5 A4 A3 A2 A1 A0 B7 B6 B5 B4 B3 B2 B1 B0 C7 C6 C5 C4 C3 C2 C1 C0
D7 D6 D5 D4 D3 D2 D1 D0 E7 E6 E5 E4 E3 E2 E1 E0 F7 F6 F5 F4 F3 F2 F1 F0
Start shift
operation
Start shift
operation
Start shift
operation
Clearing SIOS
Reading received data
Reading received
data F
Reading received
data E
Reading received
data D
F
E
D
Writing transmit data
SIO2CR<SIOS>
SIO2SR<SIOF>
SIO2SR<SEF>
SCK2
pin output
SO2 pin
SI2 pin
INTSIO2
interrupt
request
SIO2SR<TXF>
SIO2SR<RXF>
SIO2RDB
SIO2TDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com