Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 211 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 211 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 212Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 213Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 214Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 215Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 296 page
background image
Page 195
TMP86FS49AIUG
16. Serial Bus Interface(I2C Bus) Ver.-D (SBI)
The TMP86FS49AIUG has a serial bus interface which employs an I2C bus.
The serial interface is connected to an external devices through SDA and SCL.
The serial bus interface pins are also used as the port. When used as serial bus interface pins, set the output latches
of these pins to "1". When not used as serial bus interface pins, the port is used as a normal I/O port.
Note 1: The serial bus interface can be used only in NORMAL1/2 and IDLE1/2 mode. It can not be used in IDLE0,
SLOW1/2 and SLEEP0/1/2 mode.
Note 2: The serial bus interface can be used only in the Standard mode of I2C. The fast mode and the high-speed mode
can not be used.
Note 3: Please refoer to the I/O port section about the detail of setting port.
16.1 Configuration
Figure 16-1 Serial Bus Interface (SBI)
16.2 Control
The following registers are used for control the serial bus interface and monitor the operation status.
• Serial bus interface control register A (SBICRA)
• Serial bus interface control register B (SBICRB)
• Serial bus interface data buffer register (SBIDBR)
•I2C bus address register (I2CAR)
• Serial bus interface status register A (SBISRA)
• Serial bus interface status register B (SBISRB)
16.3 Software Reset
A serial bus interface circuit has a software reset function, when a serial bus interface circuit is locked by an exter-
nal noise, etc.
To reset the serial bus interface circuit, write “10”, “01” into the SWRST (Bit1, 0 in SBICRB).
And a status of software reset canbe read from SWRMON (Bit0 in SBISRA).
Noise
canceller
Noise
canceller
SCL
Input/
output
control
SDA
SBI control register B/
SBI status register B
SBI control register A/
SBI status register A
I
2C bus
address register
SBI data
buffer register
Shift
register
I
2C bus data
control
Transfer
control
circuit
I
2C bus
clock sysn.
Control
Divider
fc/4
SBICRB/
SBISRB
I2CAR
SBIDBR
SBICRA/
SBISRA
SCL
SDA
INTSBI interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com