Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49AIUG Datasheet(PDF) 214 Page - Toshiba Semiconductor

Part # TMP86FS49AIUG
Description  8 Bit Microcontroller
PDF  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS49AIUG Datasheet(HTML) 214 Page - Toshiba Semiconductor

Back Button TMP86FS49AIUG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 212Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 213Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 214Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 215Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 216Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 217Page - Toshiba Semiconductor TMP86FS49AIUG Datasheet HTML 218Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 296 page
background image
Page 198
16. Serial Bus Interface(I2C Bus) Ver.-D (SBI)
16.5 I2C Bus Control
TMP86FS49AIUG
Note 1: I2CAR is write-only register, which cannot be used with any of read-modify-write instruction such as bit manipulation, etc.
Note 2: Do not set I2CAR to "00H" to avoid the incorrect response of acknowledgment in slave mode. ( If "00H" is set to I2CAR as
the Slave Address and a START Byte "01H" in I2C bus standard is recived, the device detects slave address match.)
Note 1: Switch a mode to port after confirming that the bus is free.
Note 2: Switch a mode to I2C bus mode after confiming that the port is high level.
Note 3: SBICRB has write-only register and must not be used with any of read-modify-write instructions such as bit manipulation,
etc.
Note 4: When the SWRST (Bit1, 0 in SBICRB) is written to "10", "01" in I2C bus mode, software reset is occurred. In this case, the
SBICRA, I2CAR, SBISRA and SBISRB registers are initialized and the bits of SBICRB except the SBIM (Bit3, 2 in SBI-
CRB) are also initialized.
I2C bus Address Register
I2CAR
(0F92H)
7
6
5
43210
Slave address
ALS
(Initial value: 0000 0000)
SA6
SA5
SA4
SA3
SA2
SA1
SA0
SA
Slave address selection
Write
only
ALS
Address recognition mode spec-
ification
0:
Slave address recognition
1:
Non slave address recognition
Serial Bus Interface Control Register B
SBICRB
(0F93H)
7
6
5
43210
MST
TRX
BB
PIN
SBIM
SWRST1
SWRST0
(Initial value: 0001 0000)
MST
Master/slave selection
0:
Slave
Write
only
1:
Master
TRX
Transmitter/receiver selection
0:
Receiver
1:
Transmitter
BB
Start/stop generation
0:
Generate a stop condition when MST, TRX and PIN are "1"
1:
Generate a start condition when MST, TRX and PIN are "1"
PIN
Cancel interrupt service request
0:
– (Can not clear this bit by a software)
1:
Cancel interrupt service request
SBIM
Serial bus interface operating
mode selection
00:
Port mode (Serial bus interface output disable)
01:
Reserved
10:
I2C bus mode
11:
Reserved
SWRST1
SWRST0
Software reset start bit
Software reset starts by first writing "10" and next writing "01"
Serial Bus Interface Status Register A
SBISRA
(0F90H)
765
43
2
1
0
SWRMON
(Initial value: **** ***1)
SWRMON
Software reset monitor
0:
During software reset
Read
only
1:
– (Initial value)
Serial Bus Interface Status Register B
SBISRB
(0F93H)
7
6
5
43210
MST
TRX
BB
PIN
AL
AAS
AD0
LRB
(Initial value: 0001 0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com